Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 18Page - Analog Devices LTC4292 Datasheet HTML 19Page - Analog Devices LTC4292 Datasheet HTML 20Page - Analog Devices LTC4292 Datasheet HTML 21Page - Analog Devices LTC4292 Datasheet HTML 22Page - Analog Devices LTC4292 Datasheet HTML 23Page - Analog Devices LTC4292 Datasheet HTML 24Page - Analog Devices LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC4291-1/LTC4292
22
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 8. Type 1 and Type 2 PD Classification Values
CLASS
RESULT
Class 0
No Class Signature Present; Treat Like Class 3
Class 1
3.84W
Class 2
6.49W
Class 3
13W
Class 4
25.5W (Type 2)
If classification is enabled, the PSE will classify the PD
immediately after a successful detection cycle. The PSE
measures the PD classification signature by applying
VCLASS to the port via OUTnM and measuring the result-
ing current; it then reports the discovered class in the Port
Status or Channel Status register, as appropriate. If the
LTC4291-1/LTC4292 is in auto mode, it will additionally
use the classification result to set the ICUT-2P, ILIM-2P, and
PCUT-4P thresholds.
Classification is disabled for a port when the LTC4291-1/
LTC4292 is initially powered up with the AUTO pin low,
when the port is in shutdown mode, or when the corre-
sponding Class Enable bit is cleared.
LLDP Classification
Introduced in 802.3at and extended by 802.3bt, the PoE
specification defines a Link Layer Discovery Protocol
(LLDP) method of classification. The LLDP method adds
extra fields to the Ethernet LLDP data protocol.
Although the LTC4291-1/LTC4292 is compatible with this
classification method, it cannot perform LLDP classifica-
tion directly since it does not have access to the data path.
LLDP classification allows the host to perform LLDP com-
munication with the PD and update the PD’s power allo-
cation. The LTC4291-1/LTC4292 supports changing the
ILIM-2P, ICUT-2P, and PCUT-4P levels dynamically, enabling
system-level LLDP support.
802.3at 2-Event Classification
In 802.3at, 802.3af classification is named Type 1 clas-
sification. The 802.3at standard introduces an extension
of Type 1 classification: Type 2 (2-event) classification.
Type 2 PSEs are required to perform classification.
Classification
802.3af Classification
A PD may optionally present a classification signature
to the PSE to indicate the maximum power it will draw
while operating. The IEEE specification defines this sig-
nature as a constant current draw when the PSE port
voltage is in the VCLASS range (between 15.5V and 20.5V)
as shown in Figure 15, with the current level indicating
one of five possible PD signatures. Figure 14 shows a
typical PD load line, starting with the slope of the 25k
signature resistor below 10V, then transitioning to the
classification signature current (in this case, Class 3)
in the VCLASS range. Table 8 shows the possible clas-
sification values.
Figure 14. PD Classification
VOLTAGE (VCLASS)
0
60
50
40
30
20
10
0
5
10
15
20
42911 F14
25
TYPICAL
CLASS 3
PD LOAD
LINE
48mA
33mA
PSE LOAD LINE
23mA
14.5mA
6.5mA
CLASS 4
CLASS 2
CLASS 1
CLASS 0
CLASS 3
OVER
CURRENT
Figure 15. Type 1 PSE, 1-Event Class Sequence
42911 F15
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
CLASS
POWER ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com