Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 10Page - Analog Devices LTC4292 Datasheet HTML 11Page - Analog Devices LTC4292 Datasheet HTML 12Page - Analog Devices LTC4292 Datasheet HTML 13Page - Analog Devices LTC4292 Datasheet HTML 14Page - Analog Devices LTC4292 Datasheet HTML 15Page - Analog Devices LTC4292 Datasheet HTML 16Page - Analog Devices LTC4292 Datasheet HTML 17Page - Analog Devices LTC4292 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC4291-1/LTC4292
14
Rev 0
For more information www.analog.com
CPD (Pin 8): Clock Transceiver Positive Input Output
(Digital). Connect to CPA through a data transformer.
CND (Pin 9): Clock Transceiver Negative Input Output
(Digital). Connect to CNA through a data transformer.
DPD (Pin 10): Data Transceiver Positive Input Output
(Digital). Connect to DPA through a data transformer.
DND (Pin 11): Data Transceiver Negative Input Output
(Digital). Connect to DNA through a data transformer.
VDD (Pins 12, 20): VDD IO Power Supply. Connect to
a 3.3V power supply relative to DGND. VDD must be
bypassed to DGND near the LTC4291-1 with at least a
0.1μF capacitor.
RESET (Pin 14): Reset Input, Active Low. When RESET is
low, the LTC4291-1/LTC4292 is held inactive with all ports
off and all internal registers reset. When RESET is pulled
high, the LTC4291-1/LTC4292 begins normal operation.
RESET can be connected to an external capacitor or RC
network to provide a power turn-on delay. Internal filtering
of RESET prevents glitches less than 1μs wide from reset-
ting the LTC4291-1/LTC4292. Internally pulled up to VDD.
INT (Pin 15): Interrupt Output, Open Drain. INT will pull
low when any one of several events occur in the LTC4291-
1. It will return to a high impedance state when bits 6 or
7 are set in the Reset PB register (1Ah). The INT signal
can be used to generate an interrupt to the host proces-
sor, eliminating the need for continuous software polling.
Individual INT events can be disabled using the INT Mask
register (01h). See LTC4291 Software Programming
documentation for more information. INT is only updated
between I2C transactions.
SDAOUT (Pin 16): Serial Data Output, Open Drain Data
Output for the I2C Serial Interface Bus. The LTC4291-1
uses two pins to implement the bidirectional SDA func-
tion to simplify opto isolation of the I2C bus. To imple-
ment a standard bidirectional SDA pin, tie SDAOUT and
SDAIN together. See Applications Information for more
information.
SDAIN (Pin 17): Serial Data Input. High impedance data
input for the I2C serial interface bus. The LTC4291-1
uses two pins to implement the bidirectional SDA func-
tion to simplify opto isolation of the I2C bus. To imple-
ment a standard bidirectional SDA pin, tie SDAOUT and
SDAIN together. See Applications Information for more
information.
SCL (Pin 18): Serial Clock Input. High impedance clock
input for the I2C serial interface bus. The SCL pin should
be connected directly to the I2C SCL bus line. SCL must
be tied high if the I2C serial interface bus is not used.
CAP1 (Pin 19): Core Power Supply Bypass Capacitor.
Connect a 1µF capacitance to DGND for the internal 1.8V
regulator bypass. Do not use other capacitor values.
AUTO (Pin 21): Auto Mode Input, Active High. When high,
the LTC4291-1 detects, classifies and powers up valid
PDs without host interaction. AUTO determines the state
of the internal registers when the LTC4291-1 is reset or
comes out of UVLO (see LTC4291 Software Programming
documentation). The state of these register bits can sub-
sequently be changed via the I2C interface. Internally
pulled down to DGND.
GP1 (Pin 22): General Purpose Digital Input Output for
customer applications. Referenced to DGND.
GP0 (Pin 23): General Purpose Digital Input Output for
customer applications. Referenced to DGND.
MSD (Pin 24): Maskable Shutdown Input, Active Low.
When pulled low, all ports that have their corresponding
mask bit set in the mconf register (17h) will be reset.
Internal filtering of the MSD pin prevents glitches less
than 1μs wide from resetting ports. The MSD Pin Mode
register can configure the MSD pin polarity. Internally
pulled up to VDD.
DGND (Pin 5, Exposed Pad Pin 25): Digital Ground. DGND
should be connected to the return from the VDD supply.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com