Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 19Page - Analog Devices LTC4292 Datasheet HTML 20Page - Analog Devices LTC4292 Datasheet HTML 21Page - Analog Devices LTC4292 Datasheet HTML 22Page - Analog Devices LTC4292 Datasheet HTML 23Page - Analog Devices LTC4292 Datasheet HTML 24Page - Analog Devices LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC4291-1/LTC4292
23
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
A Type 2 PD requesting 25.5W presents class signature 4
during all class events. If a Type 2 PSE with 25.5W of
available power sees class signature 4 during the first
class event, it forces the PD to VMARK (9V typical), pauses
briefly, and issues a second class event as shown in
Figure 16. The second class event informs the PD that
the PSE has allocated 25.5W.
Figure 16. Type 2 PSE, 2-Event Class Sequence
42911 F16
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
2ND
CLASS
POWER ON
Note that the second classification event only runs if
required by the IEEE classification procedure. For exam-
ple, a single-signature Class 0 to 3 PD will only be issued
a single class event in all situations.
The concept of demotion is introduced in 802.3at. A
Type 2 PD may be connected to a PSE only capable of
delivering 13W, perhaps due to power management limi-
tations. In this case, the PSE will perform a single classi-
fication event as shown in Figure 15, and note that 25.5W
is requested. Due to the limited power availability, the
PSE will not issue a second event and proceeds directly
to power on the PD. The presence of a single class event
informs the Type 2 PD it has been demoted to 13W. If
demoted, the PD is subject to power limitations and may
operate in a reduced power mode.
802.3bt Multi-Event Classification
The LTC4291-1/LTC4292 implements Type 3 and Type 4
classification, as required by 802.3bt. Type 3 and Type 4
classification are backwards-compatible with Type 1 and
Type 2 PDs.
While Type 2 (802.3at) classification extends Type 1
(802.3af) classification, Type 3 and Type 4 (802.3bt)
classification supersede Type 1 and Type 2 classifica-
tion. Type 1 and Type 2 classification are described in
the preceding sections as a historical reference and to
define common terminology such as power demotion,
class events, mark events, and electrical parameters.
IEEE 802.3bt defines eight PD Classes for single-signature
PDs and five PD Classes for dual-signature PDs, as shown
in Table 9.
Classification treatment of single-signature and dual-
signature PDs differs. The following sections explain the
Physical Layer classification of each PD configuration
separately.
Table 9. Type 3 and Type 4 PD Classifications by PD Configuration
SINGLE-SIGNATURE PDs
DUAL-SIGNATURE PDs
CLASS
PD AVAILABLE
POWER
CLASS
CHANNEL AVAILABLE
POWER*
Class 1
3.84W
Class 1
3.84W
Class 2
6.49W
Class 2
6.49W
Class 3
13W
Class 3
13W
Class 4
25.5W
Class 4
25.5W
Class 5
40W
Class 5
35.6W
Class 6
51W
Class 7
62W
Class 8
71.3W
*Dual-signature PD total available power is the sum of both channels
available power. Class signatures may differ between channels of a port,
e.g., Class 3 + Class 4 = 13W + 25.5W = 38.5W.
802.3bt Classification of Single-Signature PDs
Type 3 and Type 4 PSEs issue a single classification event
(see Figure 17) to Class 0 through 3 single-signature (SS)
PDs. A Class 0 through 3 SS PD presents its class signa-
ture to the PSE and is then powered on if sufficient power
is available. Power limited 802.3bt PSEs may also issue a
single classification event to Class 4 and higher SS PDs in
order to demote those PDs to 13W. See Figure 17.
Type 3 and 4 PSEs present three classification events
to Class 4 SS PDs (see Figure 18) if sufficient power is
available. Class 4 SS PDs present class signature 4 on
all events. The third event differentiates a Class 4 SS PD
from a higher Class SS PD. Power limited IEEE 802.3bt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com