Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 24Page - Analog Devices LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices LTC4292 Datasheet HTML 28Page - Analog Devices LTC4292 Datasheet HTML 29Page - Analog Devices LTC4292 Datasheet HTML 30Page - Analog Devices LTC4292 Datasheet HTML 31Page - Analog Devices LTC4292 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LTC4291-1/LTC4292
28
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
If the LTC4291-1/LTC4292 sees a power good condition
on either channel of an unpowered port (neither channel
powered), it disables all port functionality, reduces the
gate drive pull-down current for the port and reports a FET
Bad fault. This is typically a permanent fault, but the host
can attempt to recover by resetting the port, or by reset-
ting the entire chip if a port reset fails to clear the fault.
If the MOSFET is in fact bad, the fault will quickly return,
and the port will disable itself again. The remaining ports
of the LTC4291-1/LTC4292 are unaffected.
An open or missing MOSFET will not trigger a FET Bad
fault, but will cause a tSTART fault if the LTC4291-1/
LTC4292 attempts to turn on the port.
Disconnect
The LTC4291-1/LTC4292 monitors powered channels to
ensure the PD continues to draw the minimum speci-
fied current. The IHOLD-2P threshold, monitored as the
VHOLD-2P threshold across the 0.15Ω sense resistor, is
used to determine if a PD has been disconnected.
The IHOLD-2P threshold is set automatically in auto mode
and is set by the user in semi-auto and manual modes.
When powering a single-signature PD assigned Class 0 to
Class 4 over a single channel, set the IHOLD-2P threshold
to 7.5mA (typ) via the Disconnect Configuration bit. In all
other cases, set the IHOLD-2P threshold to 3.5mA (typ).
A disconnect timer (tDIS) counts up whenever channel
current is below the IHOLD-2P threshold, indicating that the
PD has been disconnected. If the appropriate tDIS timer(s)
expire, the port or channel (Table 11) will be turned off
and the corresponding tDIS faults are set. If the current
increases above IHOLD-2P before the tDIS timer expires, the
timer(s) reset. As long as the PD exceeds the minimum
current level before tDIS expires, it will remain powered.
Although not recommended, the DC disconnect fea-
ture can be disabled by clearing the corresponding DC
Disconnect Enable bits. Disabling the DC disconnect fea-
ture forces the LTC4291-1/LTC4292 out of compliance
with the IEEE standard. A powered port will stay powered
after the PD is removed; the still-powered port may be
subsequently connected to a non-PoE data device, poten-
tially causing damage.
The LTC4291-1/LTC4292 does not include AC discon-
nect circuitry. AC disconnect is not a supported feature
of 802.3bt.
Port Fault vs Channel Fault
The tCUT, tLIM and tDIS timers are maintained on a per-
channel basis. When any channel timer expires, a deter-
mination is made to remove power from both, one, or
neither channel of the port.
Optional behavior is allowed by the 802.3bt standard
when faults occur on single-signature PDs. This option
allows a single-signature PD to remain powered on pair-
set X, even if a fault occurs on pairset Y. The FAULT2Pn bit,
when set, enables this optional behavior. This behavior is
not recommended for normal operation, as a fault in the
PD or cabling is indicative of imminent PD or cable failure.
Table 11. Channel Fault Effect on Port/Channel State
PD CON-
FIGURATION
FAULT2Pn
FAULT RESULT:
TURN OFF PORT OR CHANNEL
tCUT**
tLIM
tDIS
Single
0
Port
Port
Port*
1
Channel
Channel
Dual
x
Channel
Channel
Channel
*If tDIS Expires on Both Channels
**Port power policing (PCUT-4P) raises a tCUT event. When enabled, port
power policing removes power from the port regardless of FAULT2Pn
configuration.
Fault Telemetry
As discussed in the preceding sections, faults may occur
on one or both channels, resulting in power removal on
one or both channels. The fault event registers have tra-
ditionally been implemented at the port level. In order to
trace faults to the offending channel, a second layer of fault
registers have been added to the LTC4291-1/LTC4292:
the Fault Telemetry registers. See the LTC4291 Software
Programming documentation for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com