Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices LTC4292 Datasheet HTML 28Page - Analog Devices LTC4292 Datasheet HTML 29Page - Analog Devices LTC4292 Datasheet HTML 30Page - Analog Devices LTC4292 Datasheet HTML 31Page - Analog Devices LTC4292 Datasheet HTML 32Page - Analog Devices LTC4292 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LTC4291-1/LTC4292
29
Rev 0
For more information www.analog.com
Autoclass
IEEE 802.3bt introduces a new optional feature, Autoclass.
Autoclass enables the PSE to reclaim power budget from
single-signature PDs requesting more power than needed
under worst-case operating conditions. 802.3bt does not
specify Autoclass for dual-signature PDs. The LTC4291-1/
LTC4292 fully supports Autoclass.
Prior versions of the 802.3 PoE standard specify mini-
mum PSE output power for worst-case IR drop across
the Ethernet cable and minimum PSE output voltage.
However, a method for the PSE to reclaim over-allocated
power is not specified. When a shorter Ethernet cable is
used, or when the guaranteed PSE output voltage is above
the specified minimum, the specified minimum PSE out-
put power substantially over-allocates power to the PD.
An example PoE system is shown in two versions.
Figure 22 shows a 100W four port PSE servicing three
25.5W PDs over 100m cables. Such a system requires
the PSE to allocate 25.5W per PD and a further 4.5W for
each 100m cable’s IR drop.
The total power allocation is:
3 Ports • (4.5W + 25.5W) = 90W
If an additional 13W PD is plugged into the fourth PSE
port, only 10W is available and the PD cannot be powered.
APPLICATIONS INFORMATION
Figure 22. 100W PoE System with 100m Cables
13W PD
25.5W PD
25.5W PD
25.5W PD
100m CABLE
4.5W IR DROP
100m CABLE
4.5W IR DROP
100m CABLE
4.5W IR DROP
100W PSE
42911 F22
Figure 23 shows a 100W four port PSE servicing three
25.5W PDs over 10m cables. Such a system requires the
PSE to allocate 25.5W per PD and a further ~0.5W for
each 10m cable’s IR drop.
Without Autoclass, the total power allocation is:
3 ports • (4.5W + 25.5W) = 90W
If an additional 13W PD is plugged into the fourth PSE
port, only 10W is available and the PD cannot be powered
even though the IR drop is much less than in the prior
example.
Assuming the system in Figure 23 is Autoclass-enabled,
the recovered power budget can be used to power addi-
tional ports. During classification, the PSE observes the
PD’s Autoclass request. After power on is completed, the
PD draws its maximum power while the PSE performs
an Autoclass measurement, as specified by 802.3bt. The
PSE in Figure 23 will measure and report 26W of power
consumption for each of the three 25.5W PDs. This result
allows the host to revise the PSE available power budget.
With Autoclass, the total power allocation for Figure 23 is:
3 Ports • 26W (Measured) = 78W
If an additional 13W PD is plugged into the fourth PSE
port, a full 22W is now available and the PD can be suc-
cessfully powered.
Figure 23. 100W PoE System with 10m Cables
13W PD
25.5W PD
25.5W PD
25.5W PD
10m CABLE
~0.5W IR DROP
10m CABLE
~0.5W IR DROP
10m CABLE
~0.5W IR DROP
100W PSE
42911 F23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com