Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 14Page - Analog Devices LTC4292 Datasheet HTML 15Page - Analog Devices LTC4292 Datasheet HTML 16Page - Analog Devices LTC4292 Datasheet HTML 17Page - Analog Devices LTC4292 Datasheet HTML 18Page - Analog Devices LTC4292 Datasheet HTML 19Page - Analog Devices LTC4292 Datasheet HTML 20Page - Analog Devices LTC4292 Datasheet HTML 21Page - Analog Devices LTC4292 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
LTC4291-1/LTC4292
18
Rev 0
For more information www.analog.com
Table 1. IEEE-Specified Power Allocations, Single-Signature PD
PD CLASS
PSE OUTPUT
POWER
ALLOCATED
CABLING LOSS
PD INPUT
POWER
1
4W
0.16W
3.84W
2
6.7W
0.21W
6.49W
3
14W
1W
13W
4
30W
4.5W
25.5W
5
45W
5W
40W
6
60W
9W
51W
7
75W
13W
62W
8
90W
18.7W
71.3W
BACKWARD COMPATIBILITY
The LTC4291-1/LTC4292 may be configured as an
802.3bt-compliant PSE, either Type 3 or Type 4. While
802.3bt PSEs cannot identify as an 802.3at Type 1 or
Type 2 PSE, there is no loss in PSE functionality; all
802.3bt-compliant PSEs are fully backwards compatible
with existing 802.3at Type 1 and Type 2 PDs as shown
in Table 2. In addition to full compatibility, 802.3bt PSEs
extend support for lower standby power, enhanced cur-
rent limit timing, and dynamic power management to all
PD Types (as supported by the PD application).
Table 2. PSE Maximum Delivered Power, Per-Port
DEVICE
PSE
STANDARD
802.3at
802.3bt
TYPE
1
2
3
4
PD
802.3at
1
13W
13W
13W
13W
2
13W*
25.5W
25.5W
25.5W
802.3bt
3
13W*
25.5W*
51W
51W
4
13W*
25.5W*
51W*
71.3W
*Indicates PD allocated less power than requested.
Software register map compatibility with LTC4266 and
LTC4271-based PSEs has been maintained to the extent
possible. LTC4291-based PSEs utilize two channels to
control a single PSE port. This multiplicity of channel
status and control requires extensions to the existing
register map.
For register map details please contact Analog Devices
to request the LTC4291 Software Programming
documentation.
Special Compatibility Mode Notes
n
As with prior generations, each I2C address provides
status and control for four PoE ports. Each port reg-
ister slice provides port control and status as well as
channel A vs B control and status.
n
Certain status registers, e.g. Port Status and Power
Status, relate to a channel state, as opposed to port
state and are split into three copies; a generalized port
state, channel A state and channel B state.
n
Certain command registers, e.g., Power-on pushbutton,
likewise are bifurcated to allow per-channel control.
OPERATING MODES
The LTC4291-1/LTC4292 includes four independent
ports, each of which can operate in one of three modes:
manual, semi-auto, or auto. A fourth mode, shutdown,
disables the port (see Table 3).
Table 3. Operating Modes
MODE
AUTO
PIN
OPMD
DETECT/
CLASS
POWER-UP
AUTOMATIC
THRESHOLD
ASSIGNMENT
Auto
1
11b
Enabled
at Reset
Automatically
Yes
0
11b
Host
Enabled
Automatically
Yes
Semi-auto
0
10b
Host
Enabled
Upon Request
No
Manual
0
01b
Once
Upon
Request
Upon Request
No
Shutdown
0
00b
Disabled
Disabled
No
In manual mode, the port waits for instructions from the
host system before taking any action. It runs a single
detection, or detection and classification cycle when com-
manded to by the host, and reports the result in its Port
Status register. The host system can command the port
to apply or remove power at any time.
In semi-auto mode, the port repeatedly attempts to detect
and classify any PD attached to it. It reports the status of
these attempts back to the host, and waits for a command
from the host before applying power to the port. The host
must enable detection and classification.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com