Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 22Page - Analog Devices LTC4292 Datasheet HTML 23Page - Analog Devices LTC4292 Datasheet HTML 24Page - Analog Devices LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices LTC4292 Datasheet HTML 28Page - Analog Devices LTC4292 Datasheet HTML 29Page - Analog Devices LTC4292 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
LTC4291-1/LTC4292
26
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Auto Mode Maximum PSE Power
In auto mode the LTC4291-1/LTC4292 automatically
detects, classifies and powers all connected valid PDs.
In order to do this, the PSE must be configured for its
maximum power allocation. The maximum power alloca-
tion is a reflection of the power supply and power path
capability. The PWRMD pins must be set appropriately
to reflect the PSE system’s power delivery capabilities.
These pins are sampled at reset.
Table 10. Auto Mode Maximum Delivered Power Capabilities
PWRMD1 PWRMD0
MAX PORT POWER
(SINGLE-SIGNATURE)
MAX PAIRSET POWER
(DUAL-SIGNATURE)
0
0
40W
13W
0
1
51W
25.5W
1
0
62W
25.5W
1
1
71.3W
35.6W
POWER CONTROL
The primary function of the LTC4291-1/LTC4292 is to con-
trol power delivery to the PSE port. With the LTC4291-1/
LTC4292, a PSE port is composed of two power chan-
nels; each power channel controls power delivery over a
pairset. Within this section, power delivery and control
are defined per-channel.
The LTC4291-1/LTC4292 delivers power by controlling
the gate drive voltage of an external power MOSFET while
monitoring the current (through an external sense resis-
tor) and the output voltage (across the OUT pin).
The LTC4291-1/LTC4292 connects the VEE power sup-
ply to the PSE port in a controlled manner, meeting the
power demands of the PD while minimizing power dis-
sipation in the external MOSFET and disturbances to the
VEE backplane.
Inrush Control
When commanded to apply power to a port, the
LTC4291-1/LTC4292 ramps up the GATE pin of one or
both channels (as commanded), raising the external
MOSFET gate voltage in a controlled manner.
During a typical inrush, the MOSFET gate voltage will rise
until the external MOSFET is fully enhanced or the channel
reaches the inrush current limit (IINRUSH-2P). IINRUSH-2P is
set automatically by the PSE. When the PSE is applying
4-pair power to a single-signature PD assigned Class 0
to Class 4, IINRUSH-2P is 212.5mA (typical) per channel
(LIMn = 08h). Otherwise, IINRUSH-2P is 425mA (typical)
per channel (LIMn = 80h).
The GATE pin will be servoed if channel current exceeds
IINRUSH-2P, actively limiting current to IINRUSH-2P. When
the GATE pin is not being servoed, the final VGS is 12V
(typical).
During inrush, each powered channel runs a timer (tSTART).
Each powered channel stays in inrush until tSTART expires.
When tSTART expires, the PSE inspects channel voltage
and current. When the PSE is applying power to a PD,
inrush is successful if the channel(s) are drawing current
below IINRUSH-2P, as appropriate per the PD configuration
and Class. 
If inrush is not successful, power is removed and the
corresponding tSTART faults are set. Otherwise, the port
or channel, as appropriate, advances to power on and
the programmed current limiting thresholds are used as
described in the Current Limit section.
Port Power Policing
The power policing threshold (PCUT-4P) is monitored on a
per-port basis, up to 128W in 0.5W increments (typical).
When the total output power over a one second moving
average exceeds the specified threshold, power will be
removed from the port and the corresponding tCUT faults
are set.
In particular, the port policing feature may be used to
ensure delivery of PD Class power while staying below
100W Limited Power Source (LPS) requirements.
Current Cutoff and Limit
Each LTC4291-1/LTC4292 port includes two current lim-
iting thresholds (ICUT-2P and ILIM-2P), each with a cor-
responding timer (tCUT and tLIM). Setting the ICUT-2P and
ILIM-2P thresholds depends on several factors: the PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com