Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 1 Page - Analog Devices

  LTC4292 Datasheet HTML 1Page - Analog Devices LTC4292 Datasheet HTML 2Page - Analog Devices LTC4292 Datasheet HTML 3Page - Analog Devices LTC4292 Datasheet HTML 4Page - Analog Devices LTC4292 Datasheet HTML 5Page - Analog Devices LTC4292 Datasheet HTML 6Page - Analog Devices LTC4292 Datasheet HTML 7Page - Analog Devices LTC4292 Datasheet HTML 8Page - Analog Devices LTC4292 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC4291-1/LTC4292
1
Rev 0
For more information www.analog.com
Document Feedback
n
PoE PSE Switches/Routers
n
PoE PSE Midspans
APPLICATIONS
FEATURES
DESCRIPTION
4-Port IEEE 802.3bt
PoE PSE Controller
The LTC®4291-1/LTC4292 chipset is a 4-port power
sourcing equipment (PSE) controller designed for use in
IEEE 802.3bt Type 3 and 4 compliant Power over Ethernet
(PoE) systems. The LTC4291-1/LTC4292 is designed to
power compliant 802.3af, 802.3at, and 802.3bt PDs. The
LTC4291-1/LTC4292 chipset delivers lowest-in-indus-
try heat dissipation by utilizing low RDS(ON) external
MOSFETs and 0.15Ω sense resistance per power channel.
A transformer-isolated communication protocol replaces
expensive opto-couplers and complex isolated 3.3V sup-
ply, resulting in significant BOM cost savings.
Advanced power management features include per-port
14-bit current monitoring, programmable current limit,
and versatile fast shutdown of preselected ports. Advanced
power management host software is available under a no-
cost license. PD detection uses a proprietary multipoint
detection mechanism ensuring excellent immunity from
false PD identification. Autoclass and 5-event physical
classification are supported. The LTC4291-1/LTC4292
includes an I2C serial interface operable up to 1MHz. The
LTC4291-1/LTC4292 is pin or I2C programmable to nego-
tiate PD delivered power up to 71.3W.
n
Four PSE Ports
n
Two Power Channels per Port
n
Fully Compliant IEEE 802.3bt Type 3 and 4 PSE
n
Compliant Support for Type 1, 2, 3, and 4 PDs
n
Low Power Path Dissipation per Channel
n
150mΩ Sense Resistance
n
30mΩ or Lower MOSFET RDS(ON)
n
Chipset Provides Electrical Isolation
n
Eliminates Optos and Isolated 3.3V Supply
n
Very High Reliability Multipoint PD Detection
n
Connection Check Distinguishes Single-
Signature and Dual-Signature PDs
n
Continuous, Dedicated Per-Port Power and Current
Monitoring
n
Per-Port Power Policing
n
1MHz I2C Compatible Serial Control Interface
n
Pin or I2C Programmable PD Power Up to 71.3W
n
Available in a 40-Lead 6mm × 6mm (LTC4292) and
24-Lead 4mm × 4mm (LTC4291-1) QFN Packages
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
VSSKn
VSSKn
VEE
VEE
100
100
100
100
100
100
100
100
S1B
10
0.15
>47µF
0.22µF
100V
S1B
S1B
0.15
0.22µF
100V
S1B
2nF
0.1µF
1µF
100V
0.22µF
1µF
3.3V
VEE
3.3V
CPA
CNA
DPA
DNA
VEE
VSSKn
SENSEnA
GATEnA
AGNDP
LTC4292
1000BASE-T
VEE
OUTnA
AGNDP
SENSEnB
GATEnB
OUTnB
AGNDP
TX1
TX2
TX3
TX4
RJ45
1
2
6
4
3
5
7
8
PWRMD0
PWRMD1
VEE
MSD
SCL
SDAIN
AD0
DGND
DPD
CND
VDD
LTC4291-1
CPD
DND
GP0
GP1
ISOLATION
AD1
AD2
AD3
SDAOUT
4PVALID
RESET
INT
AUTO
CAP1
3.3V
(NO I2C
ISOLATION
REQUIRED)
VEE
AGNDP
(1 OF 4 PORTS)
CAP2
2kV
VSSKn
AGNDP
0.22F, 100V
0.15Ω
42911 TA01a


Similar Part No. - LTC4292

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Analog Devices
LTC4292 AD-LTC4292 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC4292 AD-LTC4292 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC4292 AD-LTC4292 Datasheet
2Mb / 30P
8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
LTC4292 AD-LTC4292 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results

Similar Description - LTC4292

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2 AD-LTC9101-2 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
SI3473 SKYWORKS-SI3473 Datasheet
1Mb / 88P
Octal or Quad 2-pair 802.3bt Ethernet Port PoE PSE Controller
Revision 1.0 December, 2021
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com