Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 13Page - OKI electronic componets ML7055LP Datasheet HTML 14Page - OKI electronic componets ML7055LP Datasheet HTML 15Page - OKI electronic componets ML7055LP Datasheet HTML 16Page - OKI electronic componets ML7055LP Datasheet HTML 17Page - OKI electronic componets ML7055LP Datasheet HTML 18Page - OKI electronic componets ML7055LP Datasheet HTML 19Page - OKI electronic componets ML7055LP Datasheet HTML 20Page - OKI electronic componets ML7055LP Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
17/30
Power Supply Current (IDDO) Characteristics by Power Saving Mode
(VDD = 2.7 V to 3.6V, CoreVDD = 1.65 V to 1.95V, Ta = -40 to 85°C)
Operating mode
Conditions
Min.
Typ.
Max.
Unit
STOP mode (
DETACH = "L")
—
—
0.03
—
Page Scan operating mode
Interval:1.28sec
Window:11.25msec
—
2.5
—
Poll Interval operating mod
Interval:40slot
—
3.5
—
Sniff operating mode
Interval:2000slot
Attempt:4frame
—
2.5
—
Hold operating mode
Interval:4000slot
—
0.05
—
DH1/DM1
—
22.0
—
RX:DH3/DM3
TX:DH1/DM1
—
22.0
—
ACL operating mode
RX:DH5/DM5
TX:DH1/DM1
—
22.0
—
mA
AC Characteristics
System clock (SCLKP)
(VDD = 2.7 to 3.6V, CoreVDD = 1.65 to 1.95V, Ta = -40 to 85°C)
Parameter
Description
Min
Typ
Max
Unit
Tmc0
Duty in SCLKP “H” duration
40
50
60
%
Tmc1
Duty in SCLKP “L” duration
40
50
60
%
Sub-clock (XC32KP)
(VDD = 2.7 to 3.6V, CoreVDD = 1.65 to 1.95V, Ta = -40 to 85°C)
Parameter
Description
Min
Typ
Max
Unit
Tmp0
Duty in XC32KP “H” duration
40
50
60
%
Tmp1
Duty in XC32KP “L” duration
40
50
60
%
SCLKP
Tmc0
Tmc1
XC32KP
Tmp0
Tmp1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com