Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 2Page - OKI electronic componets ML7055LP Datasheet HTML 3Page - OKI electronic componets ML7055LP Datasheet HTML 4Page - OKI electronic componets ML7055LP Datasheet HTML 5Page - OKI electronic componets ML7055LP Datasheet HTML 6Page - OKI electronic componets ML7055LP Datasheet HTML 7Page - OKI electronic componets ML7055LP Datasheet HTML 8Page - OKI electronic componets ML7055LP Datasheet HTML 9Page - OKI electronic componets ML7055LP Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
6/30
PIN DESCRIPTIONS
RF I/F
Pin Placement
Pin Name
Direc-
tion
[*0]
Internal
Pull Up/
Down,
Schmitt
Initial
Value
ML7055
HB
ML7055
LA
ML7055
LP
Description
TXD
O
—
L
L
L
B6
B4
A4
ML7050: Transmit data output
CX72303: Transmit data output
BCM2002X: Transmit data output
RXD
I
—
—
—
—
C5
B5
A5
ML7050: Receive data input
CX72303: Receive data input
BCM2002X: Receive data input
PLL_DATA
O
—
X
H
L
C7
C2
C1
ML7050: Serial write data
CX72303: Serial write data
BCM2002X: Transmit enable
PLL_CLK
O
—
L
L
L
E6
D1
D2
ML7050: Serial clock
CX72303: Serial clock
BCM2002X: Serial clock
PLL_LE
O
—
L
H
L
D5
B3
A3
ML7050: Serial road enable
0: Negate, 1: Assert
CX72303: Serial enable
0: Assert, 1: Negate
BCM2002X: RF-LSI synthesizer on
0: Negate, 1: Assert
RSSI
I
Pull
down
—
—
—
B5
A5
C5
ML7050: Receive field strength data
input
CX72303: Serial read data
BCM2002X: Serial read data
RSSI_CLK
O
—
L
L
X
B8
C1
C2
ML7050: Receive field strength data
clock
CX72303: RF-LSI receiving
characteristic control
BCM2002X: System clock request
H
L
PLL_POW
O
—
H
B7
A1
A1
ML7050: Local PLL power control
0: Assert, 1: Negate
CX72303: PA Power control
0: Negate, 1: Assert
BCM2002X: Select serial transmit
mode
H
L
TX_POW
O
—
L
A8
B2
A2
ML7050: Transmit enable
0: Assert, 1: Negate
CX72303: Transmit enable
0: Negate, 1: Assert
BCM2002X: Serial write data
H
L
RX_POW
O
—
L
C6
A2
B2
ML7050: Receive enable
0: Assert, 1: Negate
CX72303: Receive enable
0: Negate, 1: Assert
BCM2002X: Receive enable
PLL_PS
O
—
L
X
L
A7
A3
B3
ML7050: ”L”
CX72303: Power on reset
0: Assert (reset)
1: Negate
BCM2002X: RF-LSI receiving
characteristic control
[*0]
“I” = Input, “O” = Output, “I/O” = Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com