Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 24 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 24 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 20Page - OKI electronic componets ML7055LP Datasheet HTML 21Page - OKI electronic componets ML7055LP Datasheet HTML 22Page - OKI electronic componets ML7055LP Datasheet HTML 23Page - OKI electronic componets ML7055LP Datasheet HTML 24Page - OKI electronic componets ML7055LP Datasheet HTML 25Page - OKI electronic componets ML7055LP Datasheet HTML 26Page - OKI electronic componets ML7055LP Datasheet HTML 27Page - OKI electronic componets ML7055LP Datasheet HTML 28Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
68kΩ
VDD
VDD
MSM7702-01
PCMOUT
PCMIN
RSYNC
BCLK
XSYNC
VDD_D
RXD
PLL_LE
PLL_DATA
PLL_CLK
PLL_OFF
TXD
PLL_POW
RX_POW
TX_POW
MCLK
ANT
RESET
PCMOUT
PCMIN
PCMSYNC
PCMCLK
SCLKSEL
SFRQSEL
RFSEL2
RFSEL1
RFSEL0
DETACH
AVDD0
AGND0
AVDD1
AGND1
CoreVDD
VDD
GND
NC
LVDD
RXD
PLL_LE
PLL_DATA
PLL_CLK
PLL_OFF
TXD
PLL_POW
RX_POW
TX_POW
RSSI
RSSI_CLK
PLL_PS
PLLLOCK
CLKOUT
SCLKN
SCLKP
XC32KN
XC32KP
SOUT
RTS
SIN
CTS
SDA
SCL
RFVDD
VDD
CoreVDD
GND
GND
GND
GND
GND
DSUB9PIN
UART
I/F
4
5
6
7
8
9
1
2
3
TD
RD
RTS
CTS
GND
SDA
SCL
Vcc
GND
VDD
AT24C02
GND
T1IN
T2IN
T3IN
R1OUT
R2OUT
T1OUT
T2OUT
R1IN
R2IN
GND
VDD
MAX3245
32kHz or
47kΩ
VDD
68kΩ
ML7050
ML7055
VDD
GND
The capacitors should be
as close to the LSI pins
as possible.
Separate, as far as
possible, the wiring
from the board pins.
Microphone
Speaker
Voice input/
output
peripherals
Poewr on reset
Hardware reset
ML7055/ML7050
System Configuration Example
0.1 µ
0.1 µ
47 µ
13MHz ± 20ppm
32.768kHz ± 250ppm
0.1 µ
0.1 µ
0.1
µ
0.1
µ
47 µ
0.1 µ
0.1 µ
47 µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com