Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 12Page - OKI electronic componets ML7055LP Datasheet HTML 13Page - OKI electronic componets ML7055LP Datasheet HTML 14Page - OKI electronic componets ML7055LP Datasheet HTML 15Page - OKI electronic componets ML7055LP Datasheet HTML 16Page - OKI electronic componets ML7055LP Datasheet HTML 17Page - OKI electronic componets ML7055LP Datasheet HTML 18Page - OKI electronic componets ML7055LP Datasheet HTML 19Page - OKI electronic componets ML7055LP Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
16/30
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Rating
Unit
I/O power supply voltage
VDD/LVDD
—
–0.3 to +4.5
V
Core power supply voltage
CoreVDD/AVDD
—
–0.3 to +2.5
V
Input voltage
VI
—
–0.3 to +4.5
V
Allowable power dissipation
Pd
—
0.62
W
Storage temperature
Tstg
—
–55 to 150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
I/O power supply voltage
VDD/LVDD
—
2.7
3.3
3.6
V
Core power supply voltage
CoreVDD/AVDD
—
1.65
1.8
1.95
V
“H” level input voltage
Vih
—
2.2
—
VDD
V
“L” level input voltage
Vil
—
0
—
0.8
V
Operating temperature
Ta
—
–40
—
85
°C
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 to 3.6 V, CoreVDD = 1.65 to 1.95 V, Ta = –40 to +85°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
3.0V
≤Vdd≤3.6V
2.4
—
—
“H” level output voltage
Voh
Ioh =
–2 mA
2.7V
≤Vdd<3.0V
2.2
—
—
V
“L” level output voltage
Vol
Iol = 2 mA
—
—
0.4
V
Vi = GND to 3.6 V
–10
—
10
Vi = VDD
50 k
Ω Pull-down
10
66
200
Input leakage current
Ii
Vi = GND
50 k
Ω Pull-up
–200
–66
–10
µA
Vo = GND to VDD
–10
—
10
Output leakage current
Io
Vo = VDD
50 k
Ω Pull-down
10
66
200
µA
Power supply current (during
operation)
Iddo
During 24 MHz operation
0
22
32
mA
Power supply current (during
stand-by)
Idds
CLK stopped
—
10
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com