Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 14Page - OKI electronic componets ML7055LP Datasheet HTML 15Page - OKI electronic componets ML7055LP Datasheet HTML 16Page - OKI electronic componets ML7055LP Datasheet HTML 17Page - OKI electronic componets ML7055LP Datasheet HTML 18Page - OKI electronic componets ML7055LP Datasheet HTML 19Page - OKI electronic componets ML7055LP Datasheet HTML 20Page - OKI electronic componets ML7055LP Datasheet HTML 21Page - OKI electronic componets ML7055LP Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
18/30
Reset
(VDD = 2.7 to 3.6V, CoreVDD = 1.65 to 1.95V, Ta = -40 to 85°C)
Parameter
Description
Min
Typ
Max
Unit
TRESW
Reset pulse width
10
—
—
µs
Note : Apply "L" to the
RESET pin for 10 µsec or more after the power supply has been settled.
Vdd/LVdd
RESET
Power supply stable period
TRESW
CoreVdd/AVdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com