Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 23 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 23 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 19Page - OKI electronic componets ML7055LP Datasheet HTML 20Page - OKI electronic componets ML7055LP Datasheet HTML 21Page - OKI electronic componets ML7055LP Datasheet HTML 22Page - OKI electronic componets ML7055LP Datasheet HTML 23Page - OKI electronic componets ML7055LP Datasheet HTML 24Page - OKI electronic componets ML7055LP Datasheet HTML 25Page - OKI electronic componets ML7055LP Datasheet HTML 26Page - OKI electronic componets ML7055LP Datasheet HTML 27Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
23/30
- Application interface mode
PCM Codec I/F (initial setting)/APB I/F
XTAL Input Frequency of BCM2002X
• If the system clock is supplied from BCM2002X, the XTAL input frequency of BCM2002X must be 13
MHz. 12, 19.2, 19.68, or 19.8 MHz should not be applied.
XTAL Input Frequency of CX72303
• If the system clock is supplied from CX72303, the XTAL input frequency of CX72303 must be 13 MHz.
10 MHz should not be applied.
Required processes when interface pins are unused
• The following tables show the processes that should be performed when interface pins are not used.
• The pins that are not included in the following table should be left open.
RF I/F
Pin Name
Process When Pin Not Used
Comments
RXD
GND
RSSI
Open or GND
PLLLOCK
Open or GND
UART I/F
Pin Name
Process When Pin Not Used
Comments
SIN
VDD
CTS
GND
PCM I/F
Pin Name
Process When Pin Not Used
Comments
PCMIN
Open or VDD
PCMSYNC
Open or GND
PCMCLK
Open or GND
Processes of Other Pins
TEST I/F etc.
Pin Name
Process When Pin Not Used
Comments
DETACH
Pull up or VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com