Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 28 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 28 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 22Page - OKI electronic componets ML7055LP Datasheet HTML 23Page - OKI electronic componets ML7055LP Datasheet HTML 24Page - OKI electronic componets ML7055LP Datasheet HTML 25Page - OKI electronic componets ML7055LP Datasheet HTML 26Page - OKI electronic componets ML7055LP Datasheet HTML 27Page - OKI electronic componets ML7055LP Datasheet HTML 28Page - OKI electronic componets ML7055LP Datasheet HTML 29Page - OKI electronic componets ML7055LP Datasheet HTML 30Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
28/30
REVISION HISTORY
Page
Document
No.
Date
Previous
Edition
Current
Edition
Description
PEDL7055-01
Aug.23, 2002
–-
–-
Preliminary edition 1
1
1
The contents of the “FEATURES” Section have
been fully changed.
–-
2
Added the “SPECIFICATIONS” Section.
The contents of the table in the “ABSOLUTE
MAXIMUM
RATINGS”
Section
have
been
partially changed.
2
3
The voltage values of “Core VDD” have been
added on the table in the “DC Characteristics”
Section.
3
4
The pin name has been changed from LPO_CLK
to TCK.
Eliminated the “LPO_CLK” row in the table of the
“RF/IF” Section.
5
6
Eliminated “Note” on the bottom side of the table
of the “RF/IF” Section.
6
7
The “Description” column of Pin name “TCK” in
the table of the “JTAG I/F” Section has been
partially changed.
8
9
Added
“REFERENCE
FOR
OSCILLATOR
CIRCUIT” Section.
11
13
“DETACH
signal”
has
been
changed
to
“
DETECH signal” in the content of the “DETACH
Interface Block” Section.
12
14
Eliminated the “RESET signal input” Section and
added the “Setting the Reset” Section.
–-
15
The “XTAL Input Frequency of BCM2002X” and
“XTAL Input Frequency of CX72303” Sections
have been added.
13
15
Eliminated the “LPO_CLK” row of the “Pin name”
column in the table of the “RF/IF” Section..
PEDL7055-02
Nov. 25, 2002
14-16
16-18
Changed the System Configuration Examples.
1
1
Partially changed the contents of “FEATURES”
Section.
2
2
Changed the contents of “Package” row in the
table.
13
13
Partially added the contents of “UART Block”
Section.
FEDL7055-01
Dec. 17, 2002
13
14
Partially added the contents of “PCM-CVSD”
Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com