Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 5Page - OKI electronic componets ML7055LP Datasheet HTML 6Page - OKI electronic componets ML7055LP Datasheet HTML 7Page - OKI electronic componets ML7055LP Datasheet HTML 8Page - OKI electronic componets ML7055LP Datasheet HTML 9Page - OKI electronic componets ML7055LP Datasheet HTML 10Page - OKI electronic componets ML7055LP Datasheet HTML 11Page - OKI electronic componets ML7055LP Datasheet HTML 12Page - OKI electronic componets ML7055LP Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
9/30
NC
Pin Placement
Pin Name
Direc-
tion
Internal
Pull Up/
Down,
Schmitt
Initial
Value
ML7055
HB
ML7055
LA
ML7055
LP
Description
NC
—
—
[*4]
No connection
[*4]
B6, C3, C4, C6, C7, C8, D3, E1, F1, H2, H3, H6, H9, J6, J7
Note: Do not wire under the NC pin.
Power, GND
Pin Placement
Pin Name
Direc-
tion
Internal
Pull Up/
Down,
Schmitt
Initial
Value
ML7055
HB
ML7055
LA
ML7055
LP
Description
VDD
—
—
—
[*5]
[*6]
[*7]
I/O power supply pin
2.70 to 3.6 V
CoreVDD
—
—
—
[*8]
[*9]
[*10]
Power supply pin for internal circuit
1.65 to 1.95 V
LVDD
—
—
—
C8
D2
D1
RF-I/O power suply pin (Same
voltage to the VDD for RF-LSI)
GND
—
—
—
[*11]
[*12]
[*13]
Digital block ground pin
AVDD0
—
—
—
B1
C9
[*14]
AVDD1
—
—
—
B2
B9
[*15]
Analog block power supply pin
1.65 to 1.95 V
AGND0
—
—
—
D3
C10
[*16]
AGND1
—
—
—
C2
B10
[*17]
Analog block ground pin
[*5]
VDD: A4, E2, E8, H3, H8
[*6]
VDD: B8, F2, K1, J6, F9
[*7]
VDD: A8, F3, K1, K6, F9
[*8]
Core VDD: A5, D2, F7, G1, H6
[*9]
Core VDD: A6, H1, K3, K6, J10, D10
[*10]
Core VDD: A6, G1, K3, K5, J10, E8
[*11]
GND: A1, A6, C1, D7, D8, F1, F6, F8, G7, G8, H2, H5, H7
[*12]
GND: A4, A10, D9, E1, E2, G2, G10, H2, J1, J2, K2, K5, K8
[*13]
GND: A10, B4, E2, E3, E9, G3, G9, H1, J1, J2, J3, J5, J8, K2
[*14]
AVDD0: D8, D10
[*15]
AVDD1: B9, B10
[*16]
AGND0: E10, D9
[*17]
AGND1: C9, C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com