Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 1 Page - OKI electronic componets

  ML7055LP Datasheet HTML 1Page - OKI electronic componets ML7055LP Datasheet HTML 2Page - OKI electronic componets ML7055LP Datasheet HTML 3Page - OKI electronic componets ML7055LP Datasheet HTML 4Page - OKI electronic componets ML7055LP Datasheet HTML 5Page - OKI electronic componets ML7055LP Datasheet HTML 6Page - OKI electronic componets ML7055LP Datasheet HTML 7Page - OKI electronic componets ML7055LP Datasheet HTML 8Page - OKI electronic componets ML7055LP Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
OKI Semiconductor
FEDL7055-02
Issue Date: Apr. 8, 2003
ML7055
Bluetooth Baseband Controller IC
1/30
GENERAL DESCRIPTION
The ML7055 is a CMOS digital IC for use in 2.4 GHz band Bluetooth™ systems. This IC incorporates the
ARM7TDMI
 as the CPU core, features a highly expandable architecture, and supports the interfaces for a variety
of applications. Since the ML7055 has Oki’s Bluetooth protocol stack software installed, when the IC is used in
conjunction with the Bluetooth RF transceiver IC, data/voice communications are possible while maintaining
interconnectivity with other Bluetooth systems.
FEATURES
• Conforms to Bluetooth Specification (Ver1.1)
• Designed for connection with the RF-LSI interface, such as the OKI RF-LSI interface (ML7050), the
SKYWORKS RF-LSI interface (CX72303), or the BROADCOM RF-LSI interface (BCM2002X) that
functions as the Bluetooth RF-LSI interface
• The high-speed, low-power ARM7TDMITM is installed as the CPU core
• PCM-CVSD transcoder that provides high quality voice using the noise filter is installed
• Low power consumption in flexible power management modes according to operating modes of Bluetooth
DETACH signal provides control of change to power-saving mode (STOP) and return request to normal
mode.
• UART interface corresponding to baud rates up to 921.6 kbps
• I2C bus interface provides accesses to EEPROM or PCM-Codec
• Selactable 12 MHz or 13 MHz for the system clock
• Selectable 32 kHz or 32.768 kHz for the LPO clock
• Built-in programmed ROM eliminates external ROM/FLASH
• The packages are available in three types:
63-pin WCSP for ML7055HB
64-pin BGA for ML7055LA
84-pin BGA for ML7055LP
ARM, ARM7TDMI and Thumb are registered trademarks of ARM Ltd., UK.
BLUETOOTH is a trademark owned by Bluetooth SIG, Inc. and licensed to Oki Electric Industry.
The information contained herein can change without notice owing to the product being under development.


Similar Part No. - ML7055LP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7050LA OKI-ML7050LA Datasheet
133Kb / 16P
Bluetooth RF Transceiver IC
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
Bluetooth Baseband Controller IC
ML70512HB OKI-ML70512HB Datasheet
332Kb / 29P
Bluetooth Baseband Controller IC
ML70512LA OKI-ML70512LA Datasheet
332Kb / 29P
Bluetooth Baseband Controller IC
More results

Similar Description - ML7055LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
Bluetooth baseband controller
Rev. 01-23 April 2004
logo
STMicroelectronics
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
Bluetooth Baseband Controller
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
Bluetooth Baseband Controller IC
ML70Q5111LA OKI-ML70Q5111LA Datasheet
157Kb / 26P
Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
Bluetooth Baseband Controller IC
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
Bluetooth Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com