Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 7Page - OKI electronic componets ML7055LP Datasheet HTML 8Page - OKI electronic componets ML7055LP Datasheet HTML 9Page - OKI electronic componets ML7055LP Datasheet HTML 10Page - OKI electronic componets ML7055LP Datasheet HTML 11Page - OKI electronic componets ML7055LP Datasheet HTML 12Page - OKI electronic componets ML7055LP Datasheet HTML 13Page - OKI electronic componets ML7055LP Datasheet HTML 14Page - OKI electronic componets ML7055LP Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
11/30
DESCRIPTION OF INTERNAL BLOCKS
CLKGEN Block
• Generates a clock that is supplied to each block through SCLKP (12/13 MHz)
• STOP/HALT function
CTL/WDT Block
• Control of the frequency division function of the internal main clock
• Control of clock supplied to each peripheral
• Control of reset of each peripheral
• STOP/HALT control
• Watchdog timer function (interrupt/reset)
Timer Block
• 1 channel
• 18-bit timer counter
• Interrupt by compare function
• One shot, interval, or free-run mode
Base band Core Block
• RF Controller
- RF power supply control (PLL, TX, RX)
- Local PLL frequency division ratio setting
- Receive clock regeneration function
- Synchronization detection (synchronizing within the permissable error limit of SyncWord)
- Receive clock re-timing function
• FH Controller hopping
- Sequence control
- Frequency hopping selection function
- CRC computation's initial value selection function
Packet
Decomposer
FHCNT
RF
CNT
Packet
Composer
RF LSI
Tx SCO Buffer
Timing
Codec
I/F
ARM
I/F
RXD
TXD
Audio
APB
Tx ACL Buffer
Rx SCO Buffer
Rx ACL Buffer
Security
CNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com