Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 22 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 22 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 18Page - OKI electronic componets ML7055LP Datasheet HTML 19Page - OKI electronic componets ML7055LP Datasheet HTML 20Page - OKI electronic componets ML7055LP Datasheet HTML 21Page - OKI electronic componets ML7055LP Datasheet HTML 22Page - OKI electronic componets ML7055LP Datasheet HTML 23Page - OKI electronic componets ML7055LP Datasheet HTML 24Page - OKI electronic componets ML7055LP Datasheet HTML 25Page - OKI electronic componets ML7055LP Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
22/30
APPLICATION NOTES
Clock Selection
• The system clock frequency is selected according to external pin SFRQSEL.
SFRQSEL = 0 :
A 13 MHz clock is input to external pins SCLKP.
SFRQSEL = 1 :
A 12 MHz clock is input to external pins SCLKP.
• The CPU clock supply source is selected according to external pin SCLKSEL.
SCLKSEL = 0 :
Use the clock that was divided down from the internal PLL output of 192 MHz that
was generated from external pins SCLKP. (Dividing ratios are selectable in the
range of 1/6 to 1/16. Initial value is 1/8 (24 MHz).)
SCLKSEL = 1 :
Use external pins XC32KP.
Note: The clock supply source can be set by the CLKCNTL register in the CTL/WDT block once the
LSI is powered up.
• The frequency of CPU clock is selectable from the high speed (24 MHz) and low speed (16 MHz). This
can be performed by the Vendor Specific Command.
Setting the Reset
• Apply a “L” level to the
RESET pin for more than 10 µs after power voltage is stabilized. When the
system clock oscillator circuit is stable and the
RESET pin is at a “H” level, the internal reset is released
and operation starts after the internal reset is held for 1.9 ms for the input clock of 13 MHz or 2.0 ms for
the input clock of 12 MHz.
Setting the UART Baud Rate
• It is possible to set the UART baud rate using the Vendor Specific Commands.
Available baud rate settings:
9600/19.2k/38.4k/56k/57.6k/115.2k/230.4k/345.6k/460.8k/921.6k
(Initial value is 115.2 kbps.)
Setting the PCM-CVSD Transcoder
• It is possible to set the PCM-CVSD transcoders using the Vendor Specific Commands.
For command details, contact Oki Electric Industry Co., Ltd.
• It is possible to set the following parameters using the VCCTL command:
- PCMSYNC/PCMCLK mode (initial setting: input)
- Mute reception (initial setting: OFF)
- Mute transmission (initial setting: OFF)
- Air coding
CVSD (initial setting)/
µ-law/A-law
- Interface coding
Linear (initial setting)/
µ-law/A-law
- PCM format (data width of one PCM Linear sample)
8-bit (initial setting)/14-bit/16-bit
- Serial interface format
Short frame (initial setting)/long frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com