Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 4Page - OKI electronic componets ML7055LP Datasheet HTML 5Page - OKI electronic componets ML7055LP Datasheet HTML 6Page - OKI electronic componets ML7055LP Datasheet HTML 7Page - OKI electronic componets ML7055LP Datasheet HTML 8Page - OKI electronic componets ML7055LP Datasheet HTML 9Page - OKI electronic componets ML7055LP Datasheet HTML 10Page - OKI electronic componets ML7055LP Datasheet HTML 11Page - OKI electronic componets ML7055LP Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
8/30
CLK and Configuration
Pin Placement
Pin Name
Direc-
tion
Internal
Pull Up/
Down,
Schmitt
Initial
Value
ML7055
HB
ML7055
LA
ML7055
LP
Description
SCLKP
I
E1
E9
F8
SCLKN
O
D1
E10
F10
System clock (12/13 MHz) pins
(Power level: CMOS level)
XC32KP
I
A2
A9
A9
XC32KN
O
A3
A8
B8
Subclock pins (for oscillator)
SCLKSEL
I
Pull
down
B3
A7
B7
System clock frequency select pin
L: Select CLK divided by
internal PLL
H: Select subclock
SFRQSEL
I
Pull
down
C4
B7
A7
System clock frequency select pin
L:
13 MHz
H:
12 MHz
RFSEL0–
2
I
[*1]
[*2]
[*3]
RF-LSI select pins
RFSEL[2:0]
001:
ML7050 (OKI)
010:
CX72303 (SKYWORKS)
101:
BCM2002X
(BROADCOM)
Others: Unused
RESET
I
Schmitt
C3
F10
G10
Hardware reset pin (Reset = L)
DETACH
I
Schmitt
F2
G9
G8
Sleep pin (Sleep = L)
SCL
O
L
G4
K7
H7
I
2C serial clock
SDA
I/O
H
F4
J7
K7
I
2C serial data
CLKOUT
O
G3
J8
K8
System clock (12/13 MHz) output
pins
[*1]
RFSEL0: E3; RFSEL1: E4; RFSEL2: H1
[*2]
RFSEL0: H9; RFSEL1: H10; RFSEL2: K10
[*3]
RFSEL0: H10; RFSEL1: H8; RFSEL2: K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com