Electronic Components Datasheet Search
  English  ▼

X  

ML7055LP Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 10Page - OKI electronic componets ML7055LP Datasheet HTML 11Page - OKI electronic componets ML7055LP Datasheet HTML 12Page - OKI electronic componets ML7055LP Datasheet HTML 13Page - OKI electronic componets ML7055LP Datasheet HTML 14Page - OKI electronic componets ML7055LP Datasheet HTML 15Page - OKI electronic componets ML7055LP Datasheet HTML 16Page - OKI electronic componets ML7055LP Datasheet HTML 17Page - OKI electronic componets ML7055LP Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
14/30
PCM-CVSD Transcoder Block
• Application side I/O:
- PCM Codec
• Application-side format:
- PCM linear (8, 14, 16 bits/sample, 8 kHz sampling frequency)/A-law/
µ-law
• Bluetooth-side format:
- CVSD/A-law/
µ-law
• All combinations of the above conversions are supported
• PCMSYNC/PCMCLK I/O can be switched (initial setting: input)
• Timing in Short Mode and in PCMCLK and PCMSYNC Output Mode
(For PCM data of 14 bits/sample, lower 2 bits of 16 bits are invalid.)
• Timing in Short Mode and in PCMCLK and PCMSYNC Input Mode.
(For PCM data of 14 bits/sample, lower 2 bits of 16 bits are invalid.)
125
µs (8kHz)
PCMCLK(I)
64k/128kHz
PCMSYNC(I)
8 bits or 16 bits
PCMCLK(O)
64k/128kHz
PCMSYNC(O)
LSB
MSB
DATA
DATA
DATA
LSB
DATA
MSB
Data is output on the rising edge of CLK.
PCMOUT
LSB
MSB
DATA
DATA
DATA
LSB
DATA
MSB
PCMIN
Data is shifted in on the falling edge of CLK
125
µs (8kHz)
8 bits or 16 bits
LSB
MSB
DATA
DATA
DATA
LSB
DATA
MSB
Data is output on the rising edge of CLK.
PCMOUT
LSB
MSB
DATA
DATA
DATA
LSB
DATA
MSB
PCMIN
Data is shifted in on the falling edge of CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com