Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 167Page - National Semiconductor (TI) PC8374L Datasheet HTML 168Page - National Semiconductor (TI) PC8374L Datasheet HTML 169Page - National Semiconductor (TI) PC8374L Datasheet HTML 170Page - National Semiconductor (TI) PC8374L Datasheet HTML 171Page - National Semiconductor (TI) PC8374L Datasheet HTML 172Page - National Semiconductor (TI) PC8374L Datasheet HTML 173Page - National Semiconductor (TI) PC8374L Datasheet HTML 174Page - National Semiconductor (TI) PC8374L Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 239 page
background image
8.0 Health Management (HM) (Continued)
Revision 1.1
171
www.national.com
8.5.37 Temperature Low Limit Zone1
Temperature low limit for Zone1 temperature monitoring.
Location: 4Eh
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
8.5.38 Temperature High Limit Zone1
Temperature high limit for Zone1 temperature monitoring.
Location: 4Fh
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
8.5.39 Temperature Low Limit Zone2
Temperature low limit for Zone2 temperature monitoring.
Location: 50h
Type:
R/W or RO (Becomes read-only when LOCK_LIM bit in the Monitoring Control register is set.)
Bit
76543210
Name
LOW_LIMIT
Reset
1
0
0
0
0
0
0
1
Bit
Description
7-0
LOW_LIMIT. The low limit value to which the associated temperature input data is compared. If the temperature
input data is lower than LOW_LIMIT, the corresponding bits in the HM Interrupt Status register, HM Sensor
Status Register and Status Register are updated/set (see Section 8.4.5 on page 144, Section 8.4.9 on page 148,
and Section 8.5.24 on page 165).
LOW_LIMIT format is the same as the format of the corresponding Temperature Reading Zone1 register (see
Section 37 on page 158). This format is dependent on the setting of the ZONE1_RANGE bit in the Monitor
Control Register (see Section 8.5.54 on page 176). The default value is 81h (-127
°C for 1°C resolution, -254°C
for 2
°C resolution).
Note: A value of 80h must not be used.
Bit
76543210
Name
HIGH_LIMIT
Reset
01111111
Bit
Description
7-0
HIGH_LIMIT. The high limit value to which the associated temperature input data is compared. If the
temperature input data is higher than HIGH_LIMIT, the corresponding bits in the HM Interrupt Status register,
HM Sensor Status Register and Status Register are updated/set (see Section 8.4.5 on page 144, Section 8.4.9
on page 148, and Section 8.5.24 on page 165).
HIGH_LIMIT format is the same as the format of the corresponding Temperature Reading Zone1 register (see
Section 37 on page 158). This format is dependent on the setting of the ZONE1_RANGE bit in the Monitor
Control Register (see Section 8.5.54 on page 176). The default value is 7Fh (127
°C for 1°C resolution, 254°Cfor
2
°C resolution).
Note: A value of 80h must not be used.
Bit
76543210
Name
LOW_LIMIT
Reset
10000001
Bit
Description
7-0
LOW_LIMIT. Same as LOW_LIMIT in Temperature Low Limit Zone1, but for Temperature Zone2.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com