Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 50Page - National Semiconductor (TI) PC8374L Datasheet HTML 51Page - National Semiconductor (TI) PC8374L Datasheet HTML 52Page - National Semiconductor (TI) PC8374L Datasheet HTML 53Page - National Semiconductor (TI) PC8374L Datasheet HTML 54Page - National Semiconductor (TI) PC8374L Datasheet HTML 55Page - National Semiconductor (TI) PC8374L Datasheet HTML 56Page - National Semiconductor (TI) PC8374L Datasheet HTML 57Page - National Semiconductor (TI) PC8374L Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
54
Revision1.1
3.7.5
SuperI/O Configuration 1 Register (SIOCF1)
Power Well: VDD3
Location:
Index 21h
Type:
Varies per bit
Bit
7
6
5
4
3
2
1
0
Name
LOCKMCF
LOCKGCF
Reserved
IOWAIT
SWRST
GLOBEN
Reset
0
0
0
1
0
0
0
1
Bit
Type
Description
7
R/W1S LOCKMCF (Lock Multiplexing Configuration). When set to 1, locks itself, IOWAIT field in SIOCF1
register, and registers SIOCF2, SIOCF3 and SIOCF4 by disabling writing to all bits in these registers.
Once set, the bit can be cleared by Hardware reset.
0: R/W bits are enabled for write (default)
1: All bits are RO
6
R/W1S LOCKGCF (Lock GPIO Pins Configuration). When set to 1,locks the configuration registers of all
GPIO pins (see Section 3.14.2 on page 74) by disabling writes to all their bits (including the LOCKGCF
bit itself). The locked registers include the GPCFG1 (except LOCKCFP bit), GPEVR, GPCFG2 and
GPMODE registers of all GPIO pins. Once set, this bit can be cleared by Hardware reset.
0: R/W bits are enabled for write (default)
1: All bits are RO
5-4
Reserved.
3-2
R/W or
RO
IOWAIT (Number of I/O Wait States). Sets the number of wait states for I/O transactions through the
LPC bus.
Bits
3 2
Number of Wait States
0 0:
0 (default)
01:
2
10:
6
11:
12
1
R/W
SWRST (Software Reset). When set to 1, triggers the Software reset sequence (see Section 2.2.5 on
page 36), after which it returns to 0. Read always returns 0. The bit is not influenced by the value of
LOCKMCF.
0: Inactive (default)
1: Trigger the Software reset sequence
0
R/W or
RO
GLOBEN (Global Device Enable). Enables the disabling of all logical devices by changing a single bit
(to 0). In addition, when the bit is set to 1, it enables the operation of all the logical devices of the
PC8374L, as long as the logical device is itself enabled (see Table 9 on page 39). The behavior of the
different devices is explained in Section 3.3 on page 48.
0: All logical devices in the PC8374L device are forced to be disabled and their resources are released.
1: Enables each PC8374L logical device that is itself enabled (default); see Section 3.3.1 on page 48.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com