Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 22Page - National Semiconductor (TI) PC8374L Datasheet HTML 23Page - National Semiconductor (TI) PC8374L Datasheet HTML 24Page - National Semiconductor (TI) PC8374L Datasheet HTML 25Page - National Semiconductor (TI) PC8374L Datasheet HTML 26Page - National Semiconductor (TI) PC8374L Datasheet HTML 27Page - National Semiconductor (TI) PC8374L Datasheet HTML 28Page - National Semiconductor (TI) PC8374L Datasheet HTML 29Page - National Semiconductor (TI) PC8374L Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
26
Revision1.1
1.4.10 Clock
1.4.11 Glue Functions
Signal
Pin(s)
I/O Buffer Type Power Well
Description
CLOCKI14
65
I
INTS
VDD3
High-Frequency Clock Input. 14.31818 MHz clock for the on-
chip, 48 MHz Clock Generator (for the Legacy modules).
Signal
Pin(s) I/O Buffer Type Power Well
Description
REF5V
70
O
AO
VSB3
Main Highest Active Supply, Reference Output.
Reference voltage equal to the highest voltage between
VDD5 and VDD3. External pull-up resistor to VDD5 is required.
REF5V_STBY
72
O
AO
VSB3
Standby Highest Active Supply, Reference Output.
Reference voltage equal to the highest voltage between
VSB5 and VSB3. External pull-up resistor to VSB5 is required.
PS_ON
81
O
OD6
VSB3
Main Power Supply On/Off Control. Active (low) level turns
the main power supply (VDD) on. External pull-up resistor to
VSB5 is required.
PWRGD_PS
82
I
INTS4
VSB3
Power Good Signal from the Power Supply. Active level
indicates the Main power supply voltage is valid.
PWRGD_3V
84
O
O3/6
VSB3
Power Good Output. Active level indicates: Main supply
voltage is valid and the system is in a higher than S3 sleep
state.
CPU_PRESENT
83
I
INTS4
VSB3
CPU Present. Active (low) level indicates a processor is
currently plugged in.
BKFD_CUT
77
O
OD6
VSB3
Backfeed-Cut Control. Power distribution control (when
switching between main and standby regulators) for system
transition into and out of the S3 sleep state. External pull-up
resistor to VSB5 is required.
LATCHED_BF_
CUT
79
O
O14/14
VSB3
Latched Backfeed-Cut. Power distribution control (when
switching between main and standby regulators) for system
transition into and out of the S5 sleep state.
VSB5
71
I
AI
VSB3
Standby 5V Power Supply. Used for Resume Reset
generation (Range: 0-5.5V, Backdrive protected).
RSMRST
92
O
O3/6
VSB3
Resume Reset. Power-Up reset signal based on the VSB5
supply voltage.
PRIMARY_HD
67
I
INTS4
VDD3
Primary Drive. Active (low) level indicates that the primary
IDE drive is active.
SECONDARY_HD 68
I
INTS4
VDD3
Secondary Drive. Active (low) level indicates that the
secondary IDE drive is active.
SCSI
69
I
INTS4
VDD3
SCSI Drive. Active (low) level indicates that the SCSI drive
is active.
HD_LED
66
O
OD12
VDD3
Hard Drive LED. Red LED driver. When low, indicates that
at least one drive is active.
CC_DDCSCL
113
I/O
SWSM
VSB3
Chipset Cluster (2.5V or 3.3V) Level DDC Serial Clock.
SMBus serial clock signal with 2.5V or 3.3V logic levels for
Data Display Channel (DDC) interface. External pull-up
resistor to VDD3 or 2.5V is required.
5V_DDCSCL
114
I/O
SWSM
VSB3
5V Level DDC Serial Clock. SMBus serial clock signal with
5V logic levels for VGA monitor interface. External pull-up
resistor to VDD5 is required.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com