Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 46Page - National Semiconductor (TI) PC8374L Datasheet HTML 47Page - National Semiconductor (TI) PC8374L Datasheet HTML 48Page - National Semiconductor (TI) PC8374L Datasheet HTML 49Page - National Semiconductor (TI) PC8374L Datasheet HTML 50Page - National Semiconductor (TI) PC8374L Datasheet HTML 51Page - National Semiconductor (TI) PC8374L Datasheet HTML 52Page - National Semiconductor (TI) PC8374L Datasheet HTML 53Page - National Semiconductor (TI) PC8374L Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
50
Revision1.1
3.5 PROTECTION
The PC8374L device provides features to protect the hardware configuration from changes made by application software
running on the host.
The protection is activated by the software setting a “sticky” lock bit. Each lock bit protects a group of configuration bits lo-
cated either in the same register or in different registers. When the lock bit is set, the lock bit and all the protected bits be-
come read-only and cannot be further modified by the host through the LPC bus. All the lock bits are reset by Power-Up
reset, thus unlocking the protected configuration bits.
The bit locking protection mechanism is optional. The protected groups of configuration bits are described below.
3.5.1
Multiplexed Pins Configuration Lock
Protects the configuration of all the multiplexed device pins.
Lock bit:
LOCKMCF in SIOCF1 register (Device Configuration).
Protected bits: LOCKMCF and IOWAIT in SIOCF1 register, and all bits in SIOCF2, SIOCF3 and SIOCF4 registers (Device
Configuration).
3.5.2
GPIO Ports Configuration Lock
Protects the configuration (but not the data) of all the GPIO Ports.
Lock bit:
LOCKGCF in SIOCF1 register (Device Configuration).
Protected bits for each GPIO Port:LOCKGCF in SIOCF1 register, and all bits in GPCFG1 (except LOCKCFP bit), GPEVR,
GPCFG2 and GPMODE registers (Device Configuration).
3.5.3
Fast Disable Configuration Lock
Protects the Fast Disable bits for all the Legacy modules.
Lock bit:
LOCKFDS in SIOCF6 register (Device Configuration).
Protected bits: All bits in SIOCF6 register (except General-Purpose Scratch bits) and GLOBEN bit in SIOCF1 register
(Device Configuration).
3.5.4
Clock Control Lock
Protects the Clock Generator control bits.
Lock bit:
LOCK in CLOCKCF register (Device Configuration).
Protected bits: All bits in CLOCKCF register (Device Configuration).
3.5.5
GPIO Port Lock
Protects the configuration and data of all the GPIO Ports.
Lock bit:
LOCKCFP in GPCFG1 register, for each GPIO Port (Device Configuration).
Protected bits for each GPIO Port: LOCKCFP, PDNCTL, PUPCTL, OUTTYPE and OUTENA in GPCFG1 register; all bits in
GPCFG2 register (Device Configuration); the corresponding bit (to the port pin) in GPDO and GPDIO
registers (GPIO Ports).
3.5.6
Health Management Configuration Lock
Protects the configuration of the Health Management module.
Lock bit:
LOCKHCF in HMCFG1 register (Device Configuration).
Protected bits: All bits in HMCFG1 register (including LOCKHCF bit itself) (Device Configuration).
3.5.7
SWC Configuration Lock
Protects the configuration of the SWC module, including the Keyboard and Mouse wake-up configuration.
Lock bit:
LOCKSCF in SWC_CTL register (System Wake-Up Control).
Protected bits: BLINK and GRN_YLW bits in SLEDCTL register; all bits in SWC_CTL, ALEDCTL, LEDBLNK, XLEDCTL,
KBDWKCTL, PS2CTL andPS2KEY0
−7 registers (System Wake-Up Control).
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com