Electronic Components Datasheet Search
  English  ▼

X  

PC8374L Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 29Page - National Semiconductor (TI) PC8374L Datasheet HTML 30Page - National Semiconductor (TI) PC8374L Datasheet HTML 31Page - National Semiconductor (TI) PC8374L Datasheet HTML 32Page - National Semiconductor (TI) PC8374L Datasheet HTML 33Page - National Semiconductor (TI) PC8374L Datasheet HTML 34Page - National Semiconductor (TI) PC8374L Datasheet HTML 35Page - National Semiconductor (TI) PC8374L Datasheet HTML 36Page - National Semiconductor (TI) PC8374L Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 239 page
background image
2.0 Power, Reset and Clocks (Continued)
Revision 1.1
33
www.national.com
Figure 1 shows the power state transitions:
2.1.3
Power Connection and Layout Guidelines
The PC8374L requires a power supply voltage of 3.3V
± 10% for both the VDD3 and VSB3 supplies. The on-chip Core power
converter generates a voltage below 3V for the internal logic. The device is designed to operate with a Lithium backup bat-
tery supplying up to 3.6V. Therefore, it includes an internal current-limiting resistor on the VBAT input to prevent the battery
from shorting, as required by the UL regulations. If the system implementation does not require backup power for the
PC8374L device, the VBAT pin must be connected to VSB3.
VDD3, VSB3, VCORF and VBAT use a common ground return marked VSS.
To obtain the best performance, bear in mind the following recommendations.
Table 6. Power States and Related Power Planes
Power State
Main (VDD3)
Standby (VSB3)
Core (VCORF)
1
1. VCORF is generated from VSB3; therefore, both voltages are on or off at approximately the same time.
VBAT
Battery Fail2
2. This power state applies only to the SWC functions and Health Management configuration pow-
ered by VBAT.
On or Off
On or Off
On or Off
Off
Power Fail
Off
Off
Off
On or Off
Power Off
Off
On
On
On or Off
PowerOn
On
On
On
OnorOff
Illegal3
3. Operation is not guaranteed and register data may be corrupted. However, at power-on/off, the
device may temporarily enter this power state due to the different rise/fall times of the VDD3 and
VSB3 power supplies.
On
Off
Off
On or Off
VDD3, VSB3, VCORF On or Off
Battery Fail
VDD3, VSB3 and VCORF Off,
Power Fail
VDD3 Off,
Power Off
VDD3, VSB3, VCORF and VBAT On
Power On
VBAT Power-Up Reset
VSB3 On,
VDD3 On,
VBAT Off
VSB3 Off
VDD3 Off
VSB3 On
VBAT Off
VDD3 On
VBAT Off
VSB Power-Up Reset
VDD Power-Up Reset
and VBAT Off
VBAT On
VSB3, VCORF and VBAT On
VSB3 Off
VBAT Off
Figure 1. Power State Transitions
SWC functions, Health Manage-
ment configuration powered by
VBAT
Transitions from either Power Off or Power On to Battery
Fail and back are allowed, however not recommended,
since they cause data loss in the VBAT-powered registers,
after VSB3 is turned off (Power Fail).
VBAT On
VBAT On
VBAT On
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com