Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 107 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 107 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 103Page - Analog Devices AD9162BBCZ Datasheet HTML 104Page - Analog Devices AD9162BBCZ Datasheet HTML 105Page - Analog Devices AD9162BBCZ Datasheet HTML 106Page - Analog Devices AD9162BBCZ Datasheet HTML 107Page - Analog Devices AD9162BBCZ Datasheet HTML 108Page - Analog Devices AD9162BBCZ Datasheet HTML 109Page - Analog Devices AD9162BBCZ Datasheet HTML 110Page - Analog Devices AD9162BBCZ Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 107 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
XXX1000X Force 000 as termination value.
0x2B3 TERM_BLK2_RD_REG0
[7:4] RESERVED
Reserved.
0x0
R
[3:0] SPI_O_RCAL_CODE_TERMBLK2
Readback of calibration code
for PHY 2, PHY 3, PHY 4, and
PHY 5.
0x0
R
0x2BB TERM_OFFSET_0
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_0
Add or subtract from the
termination calibration value of
Physical Lane 0. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2BC TERM_OFFSET_1
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_1
Add or subtract from the
termination calibration value of
Physical Lane 1. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2BD TERM_OFFSET_2
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_2
Add or subtract from the
termination calibration value of
Physical Lane 2. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2BE TERM_OFFSET_3
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_3
Add or subtract from the
termination calibration value of
Physical Lane 3. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2BF TERM_OFFSET_4
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_4
Add or subtract from the
termination calibration value of
Physical Lane 4. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2C0 TERM_OFFSET_5
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_5
Add or subtract from the
termination calibration value of
Physical Lane 5. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com