Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 108 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 104Page - Analog Devices AD9162BBCZ Datasheet HTML 105Page - Analog Devices AD9162BBCZ Datasheet HTML 106Page - Analog Devices AD9162BBCZ Datasheet HTML 107Page - Analog Devices AD9162BBCZ Datasheet HTML 108Page - Analog Devices AD9162BBCZ Datasheet HTML 109Page - Analog Devices AD9162BBCZ Datasheet HTML 110Page - Analog Devices AD9162BBCZ Datasheet HTML 111Page - Analog Devices AD9162BBCZ Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 108 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x2C1 TERM_OFFSET_6
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_6
Add or subtract from the
termination calibration value of
Physical Lane 6. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x2C2 TERM_OFFSET_7
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_7
Add or subtract from the
termination calibration value of
Physical Lane 7. 4-bit signed
magnitude value that adds to
or subtracts from the
termination value. Bit 3 is the
sign bit, and Bits[2:0] are the
magnitude bits.
0x0
R/W
0x300 GENERAL_JRX_CTRL_0
7
RESERVED
Reserved.
0x0
R
6
CHECKSUM_MODE
JESD204B link parameter
checksum calculation method.
0x0
R/W
0 Checksum is sum of fields.
1 Checksum is sum of octets.
[5:1] RESERVED
Reserved.
0x0
R
0
LINK_EN
This bit brings up the JESD204B
receiver when all link
parameters are programmed
and all clocks are ready.
0x0
R/W
0x302 DYN_LINK_LATENCY_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] DYN_LINK_LATENCY_0
Measurement of the JESD204B
link delay (in PCLK units). Link 0
dynamic link latency. Latency
between current deframer
LMFC and the global LMFC.
0x0
R
0x304 LMFC_DELAY_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] LMFC_DELAY_0
Fixed part of the JESD204B link
delay (in PCLK units). Delay in
frame clock cycles for global
LMFC for Link 0.
0x0
R/W
0x306 LMFC_VAR_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] LMFC_VAR_0
Variable part of the JESD204B link
delay (in PCLK units). Location in
Rx LMFC where JESD204B words
are read out from buffer. This
setting must not be more than
10 PCLKs.
0x1F
R/W
0x308 XBAR_LN_0_1
[7:6] RESERVED
Reserved.
0x0
R
[5:3] SRC_LANE1
Select data from SERDIN0±,
SERDIN1±, …, or SERDIN7± for
Logic Lane 1.
0x1
R/W
000 Data is from SERDIN0±.
001 Data is from SERDIN1±.
010 Data is from SERDIN2±.
011 Data is from SERDIN3±.
100 Data is from SERDIN4±.
101 Data is from SERDIN5±.
110 Data is from SERDIN6±.
111 Data is from SERDIN7±.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com