Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 115 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 115 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 111Page - Analog Devices AD9162BBCZ Datasheet HTML 112Page - Analog Devices AD9162BBCZ Datasheet HTML 113Page - Analog Devices AD9162BBCZ Datasheet HTML 114Page - Analog Devices AD9162BBCZ Datasheet HTML 115Page - Analog Devices AD9162BBCZ Datasheet HTML 116Page - Analog Devices AD9162BBCZ Datasheet HTML 117Page - Analog Devices AD9162BBCZ Datasheet HTML 118Page - Analog Devices AD9162BBCZ Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 115 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x405 K_REG
[7:5] RESERVED
Reserved.
0x0
R
[4:0] K_RD
Received ILAS configuration on
Lane 0. K is the number of
frames per multiframe. Settings
of 16 or 32 are valid. On this
device, all modes use K = 32
(value in register is K − 1). Link
information received on Lane 0
as specified in Section 8.3 of
JESD204B.
0x0
R
01111 16 frames per multiframe.
11111 32 frames per multiframe.
0x406 M_REG
[7:0] M_RD
Received ILAS configuration on
Lane 0. M is the number of
converters per device. Link
information received on Lane 0
as specified in Section 8.3 of
JESD204B. M is 1 for real
interface and 2 for complex
interface (value in register is M
− 1).
0x0
R
0x407 CS_N_REG
[7:6] CS_RD
Received ILAS configuration on
Lane 0. CS is the number of
control bits per sample. Link
information received on Lane 0
as specified in Section 8.3 of
JESD204B. CS is always 0 on this
device.
0x0
R
5
RESERVED
Reserved.
0x0
R
[4:0] N_RD
Received ILAS configuration on
Lane 0. N is the converter
resolution. Value in register is N
− 1 (for example, 16 bits =
0b01111).
0x0
R
0x408 NP_REG
[7:5] SUBCLASSV_RD
Received ILAS configuration on
Lane 0. SUBCLASSV is the
device subclass version. Link
information received on Lane 0
as specified in Section 8.3 of
JESD204B.
0x0
R
000 Subclass 0.
001 Subclass 1.
[4:0] NP_RD
Received ILAS configuration on
Lane 0. NP is the total number
of bits per sample. Link
information received on Lane 0
as specified in Section 8.3 of
JESD204B. Value in register is
NP − 1, for example, 16 bits per
sample = 0b01111.
0x0
R
0x409 S_REG
[7:5] JESDV_RD
Received ILAS configuration on
Lane 0. JESDV is the JESD204x
version. Link information
received on Lane 0 as specified
in Section 8.3 of JESD204B.
0x0
R
000 JESD204A.
001 JESD204B.
[4:0] S_RD
Received ILAS configuration on
Lane 0. S is the number of
samples per converter per
frame cycle. Link information
received on Lane 0 as specified
in Section 8.3 of JESD204B.
Value in register is S − 1.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com