| Electronic Components Datasheet Search |
|
AD9162BBCZ Datasheet(PDF) 116 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9162BBCZ Datasheet(HTML) 116 Page - Analog Devices |
|
116 / 144 page ![]() AD9161/AD9162 Data Sheet Rev. D | Page 116 of 144 Hex. Addr. Name Bits Bit Name Settings Description Reset Access 0x40A HD_CF_REG 7 HD_RD Received ILAS configuration on Lane 0. HD is the high density format. Refer to Section 5.1.3 of JESD204B standard. Link information received on Lane 0 as specified in Section 8.3 of JESD204B. 0x0 R 0 Low density mode. 1 High density mode. [6:5] RESERVED Reserved. 0x0 R [4:0] CF_RD Received ILAS configuration on Lane 0. CF is the number of control words per frame clock period per link. Link information received on Lane 0 as specified in Section 8.3 of JESD204B. CF is always 0 on this device. 0x0 R 0x40B RES1_REG [7:0] RES1_RD Received ILAS configuration on Lane 0. Reserved Field 1. Link information received on Lane 0 as specified in Section 8.3 of JESD204B. 0x0 R 0x40C RES2_REG [7:0] RES2_RD Received ILAS configuration on Lane 0. Reserved Field 2. Link information received on Lane 0 as specified in Section 8.3 of JESD204B. 0x0 R 0x40D CHECKSUM0_REG [7:0] LL_FCHK0 Received checksum during ILAS on Lane 0. Checksum for Lane 0. Link information received on Lane 0 as specified in Section 8.3 of JESD204B. 0x0 R 0x40E COMPSUM0_REG [7:0] LL_FCMP0 Computed checksum on Lane 0. Computed checksum for Lane 0. The JESD204B Rx computes the checksum of the link information received on Lane 0 as specified in Section 8.3 of JESD204B. The computation method is set by the CHECKSUM_MODE bit (Register 0x300, Bit 6) and must match the likewise calculated checksum in Register 0x40D. 0x0 R 0x412 LID1_REG [7:5] RESERVED Reserved. 0x0 R [4:0] LL_LID1 Received ILAS LID configuration on Lane 1. Lane identification for Lane 1. Link information received on Lane 0 as specified in Section 8.3 of JESD204B. 0x0 R 0x415 CHECKSUM1_REG [7:0] LL_FCHK1 Received checksum during ILAS on lane 1. Checksum for Lane 1. Link information received on Lane 0 as specified in Section 8.3 of JESD204B. 0x0 R 0x416 COMPSUM1_REG [7:0] LL_FCMP1 Computed checksum on Lane 1. Computed checksum for Lane 1 (see description for Register 0x40E). 0x0 R 0x41A LID2_REG [7:5] RESERVED Reserved. 0x0 R [4:0] LL_LID2 Received ILAS LID configuration on Lane 2. Lane identification for Lane 2. 0x0 R 0x41D CHECKSUM2_REG [7:0] LL_FCHK2 Received checksum during ILAS on Lane 2. Checksum for Lane 2. 0x0 R |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |