Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 120 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 120 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 116Page - Analog Devices AD9162BBCZ Datasheet HTML 117Page - Analog Devices AD9162BBCZ Datasheet HTML 118Page - Analog Devices AD9162BBCZ Datasheet HTML 119Page - Analog Devices AD9162BBCZ Datasheet HTML 120Page - Analog Devices AD9162BBCZ Datasheet HTML 121Page - Analog Devices AD9162BBCZ Datasheet HTML 122Page - Analog Devices AD9162BBCZ Datasheet HTML 123Page - Analog Devices AD9162BBCZ Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 120 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
[4:0] S
Number of samples per
converter per frame cycle
(minus 1). S is the number of
samples per converter per
frame cycle. Settings of 1 and 2
are valid. Refer to Table 16 and
Table 17.
0x1
R
0x45A ILS_HD_CF
7
HD
High density format. HD is the
high density mode. Refer to
Section 5.1.3 of JESD204B
standard.
0x1
R
0 Low density mode.
1 High density mode.
[6:5] RESERVED
Reserved.
0x0
R
[4:0] CF
Number of control bits per
sample. CF is the number of
control words per frame clock
period per link. Must be set to 0.
Control bits are not supported.
0x0
R
0x45B ILS_RES1
[7:0] RES1
Reserved. Reserved Field 1. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
0x45C ILS_RES2
[7:0] RES2
Reserved. Reserved Field 2. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
0x45D ILS_CHECKSUM
[7:0] FCHK0
Link configuration checksum.
Checksum for Lane 0. The
checksum for the configuration
values (not the whole register
content) programmed into
Register 0x450 to Register 0x45C
must be calculated according to
Section 8.3 of the JESD204B
specification and written to this
register (SUM(DID,…, SC,
L−1,…CF) % 256). This signal
must only be programmed
while the QBD is held in soft
reset (Register 0x475, Bit 3), and
must not be changed during
normal operation.
0x0
R/W
0x46C LANE_DESKEW
7
ILD7
Interlane deskew status for
Lane 7 (ignore this output when
NO_ILAS = 1).
0x0
R
0 Deskew failed.
1 Deskew achieved.
6
ILS6
Initial lane synchronization
status for Lane 6 (ignore this
output when NO_ILAS = 1).
0x0
R
0 Synchronization lost.
1 Synchronization achieved.
5
ILD5
Interlane deskew status for
Lane 5 (ignore this output when
NO_ILAS = 1).
0x0
R
0 Deskew failed.
1 Deskew achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com