Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 126 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 126 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 122Page - Analog Devices AD9162BBCZ Datasheet HTML 123Page - Analog Devices AD9162BBCZ Datasheet HTML 124Page - Analog Devices AD9162BBCZ Datasheet HTML 125Page - Analog Devices AD9162BBCZ Datasheet HTML 126Page - Analog Devices AD9162BBCZ Datasheet HTML 127Page - Analog Devices AD9162BBCZ Datasheet HTML 128Page - Analog Devices AD9162BBCZ Datasheet HTML 129Page - Analog Devices AD9162BBCZ Datasheet HTML 130Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 126 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
6
CHAR_REPL_DIS
When this input = 1, character
replacement at the end of
frame/multiframe is disabled.
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
[5:4] RESERVED
Reserved.
0x0
R
3
SOFTRST
Soft reset. Active high
synchronous reset. Resets all
hardware to power-on state.
0x0
R/W
1 Disables the deframer
reception.
0 Enable deframer logic.
2
FORCESYNCREQ
Command from application to
assert a sync request (SYNCOUT
). Active high.
0x0
R/W
1
RESERVED
Reserved.
0x0
R
0
REPL_FRM_ENA
When this level input is set, it
enables replacement of frames
received in error. This signal must
only be programmed while the
QBD is held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x1
R/W
0x476 CTRLREG1
[7:5] RESERVED
Reserved.
0x0
R
4
QUAL_RDERR
Error reporting behavior for
concurrent NIT and RD errors.
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x1
R/W
0 NIT has no effect on RD error.
1 NIT error masks concurrent RD
error.
3
DEL_SCR
Alternative descrambler enable.
(see JESD204B Section 5.2.4)
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x0
R/W
1 Descrambling begins at Octet 2
of user data.
0 Descrambling begins at Octet 0
of user data. This is the
common usage.
2
CGS_SEL
Determines the QBD behavior
after code group sync has been
achieved. This signal must only
be programmed while the QBD
is held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x1
R/W
0 After code group sync is achieved,
the QBD asserts SYNCOUT only if
there are sufficient disparity errors
as per the JESD204B standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com