Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 128 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 128 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 124Page - Analog Devices AD9162BBCZ Datasheet HTML 125Page - Analog Devices AD9162BBCZ Datasheet HTML 126Page - Analog Devices AD9162BBCZ Datasheet HTML 127Page - Analog Devices AD9162BBCZ Datasheet HTML 128Page - Analog Devices AD9162BBCZ Datasheet HTML 129Page - Analog Devices AD9162BBCZ Datasheet HTML 130Page - Analog Devices AD9162BBCZ Datasheet HTML 131Page - Analog Devices AD9162BBCZ Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 128 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0 Simultaneous errors on
multiple lanes are reported as
one error.
1 Detected errors from all lanes
are trapped in a counter and
sequentially signaled on
SYNCOUT.
3
AR_ECNTR
Automatic reset of error
counter. The error counter that
causes assertion of SYNCOUT is
automatically reset to 0 when
AR_ECNTR = 1. All other
counters are unaffected. This
signal must only be
programmed while the QBD is
held in soft reset
(Register 0x475, Bit 3), and must
not be changed during normal
operation.
0x0
R/W
[2:0] RESERVED
Reserved.
0x0
R
0x478 KVAL
[7:0] KSYNC
Number of 4 × K multiframes
during ILS. F is the number of
octets per frame. Settings of 1,
2, and 4 are valid. Refer to Table
16 and Table 17. This signal
must only be programmed
while the QBD is held in soft
reset (Register 0x475, Bit 3), and
must not be changed during
normal operation.
0x1
R/W
0x47C ERRORTHRES
[7:0] ETH
Error threshold value. Bad
disparity, NIT disparity, and
unexpected K character errors
are counted and compared to
the error threshold value. When
the count is equal, either an IRQ
is generated or SYNCOUT± is
asserted per the mask register
settings or both. Function is
performed in all lanes. This
signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0xFF
R/W
0x47D SYNC_ASSERT_MASK
[7:3] RESERVED
Reserved.
0x0
R
[2:0] SYNC_ASSERT_MASK
SYNCOUT assertion enable
mask for BD, NIT, and UEK error
conditions. Active high,
SYNCOUT assertion enable
mask for BD, NIT, and UEK error
conditions, respectively. When
an error counter, in any lane,
has reached the error threshold
count, ETH[7:0], and the
corresponding SYNC_ASSERT_
MASK bit is set, SYNCOUT is
asserted. The mask bits are as
follows. Note that the bit
sequence is reversed with
respect to the other error count
controls and the error counters.
0x7
R/W
Bit 2 = bad disparity error (BDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com