Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 131 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 131 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 127Page - Analog Devices AD9162BBCZ Datasheet HTML 128Page - Analog Devices AD9162BBCZ Datasheet HTML 129Page - Analog Devices AD9162BBCZ Datasheet HTML 130Page - Analog Devices AD9162BBCZ Datasheet HTML 131Page - Analog Devices AD9162BBCZ Datasheet HTML 132Page - Analog Devices AD9162BBCZ Datasheet HTML 133Page - Analog Devices AD9162BBCZ Datasheet HTML 134Page - Analog Devices AD9162BBCZ Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 131 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
[2:0] ECNT_RST7
Reset error counters for Lane 7,
active high. Counters of each
lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x488 ECNT_TCH0
[7:3] RESERVED
Reserved.
0x0
R
[2:0] ECNT_TCH0
Terminal count hold enable of
error counters for Lane 0. When
set, the designated counter is to
hold the terminal count value
of 0xFF when it is reached until
the counter is reset by the user.
Otherwise, the designated
counter rolls over. Counters of
each lane are addressed as
follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x489 ECNT_TCH1
[7:3] RESERVED
Reserved.
0x0
R
[2:0] ECNT_TCH1
Terminal count hold enable of
error counters for Lane 1. When
set, the designated counter is to
hold the terminal count value of
0xFF when it is reached until the
counter is reset by the user.
Otherwise, the designated
counter rolls over. Counters of
each lane are addressed as
follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
This signal must only be
programmed while the QBD is
held in soft reset (Register
0x475, Bit 3), and must not be
changed during normal
operation.
0x48A ECNT_TCH2
[7:3] RESERVED
Reserved.
0x0
R
[2:0] ECNT_TCH2
Terminal count hold enable of
error counters for Lane 2. When
set, the designated counter is to
hold the terminal count value
of 0xFF when it is reached until
the counter is reset by the user.
Otherwise, the designated
counter rolls over. Counters of
each lane are addressed as
follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com