Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 31 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD4697 Datasheet HTML 27Page - Analog Devices AD4697 Datasheet HTML 28Page - Analog Devices AD4697 Datasheet HTML 29Page - Analog Devices AD4697 Datasheet HTML 30Page - Analog Devices AD4697 Datasheet HTML 31Page - Analog Devices AD4697 Datasheet HTML 32Page - Analog Devices AD4697 Datasheet HTML 33Page - Analog Devices AD4697 Datasheet HTML 34Page - Analog Devices AD4697 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 31 of 107
When an even numbered input is paired with its corresponding
odd numbered input, selecting the odd numbered input through
any of the channel sequencing modes is functionally identical to
selecting the even numbered input. The even numbered input is
always connected to ADCIN+, the odd numbered input is always
connected to ADCIN−, and only the settings in the even numbered
input CONFIG_INn register are applied. It is recommended to only
include the even numbered input in the channel sequence when the
input is assigned as part of a channel pair.
When the standard sequencer is enabled, the pin pairing assign-
ment settings are the same for all eight analog inputs and are set
by the IN_PAIR bit field in the CONFIG_IN0 register. When the
advanced sequencer, two-cycle command mode, or single-cycle
command mode is enabled, the pin pairing assignment settings are
independent for all eight analog inputs and are set by the IN_PAIR
bit field in the corresponding CONFIG_INn register for each input.
The polarity mode settings for each analog input are always set
by the IN_MODE bit in the corresponding CONFIG_INn registers,
regardless of the channel sequencing mode.
Note that pseudobipolar mode is not available for channels with the
REFGND pin pairing assignment selected. If a channel pin pairing
assignment is configured as REFGND, the state of the IN_PAIR bit
field is ignored.
Figure 68. INx Paired with REFGND
Figure 69. INx Paired with COM
Figure 70. Even-Channel and Odd-Channel Paired
Analog Input High-Z Mode
To achieve optimal data sheet performance from traditional high
resolution multiplexed SAR ADCs, system designers must often
include dedicated, high bandwidth, low noise ADC driver amplifiers
between the analog signal conditioning circuitry and the ADC inputs
to settle the voltage kickback that occurs at the analog inputs
between conversions. The AD4697/AD4698 analog input high-Z
mode simplifies the design requirements of the AFE circuitry that
drives the analog inputs and facilitates the design of small footprint,
high channel density, precision multiplexed SAR ADC signal chains.
Analog input high-Z mode significantly reduces the magnitude of
the voltage kickback that occurs at the analog inputs when the
ADC and multiplexer switches reconnect at the start of the ADC
acquisition phase (see the Signal Settling Requirements section).
Figure 21 shows the voltage kickback that occurs on an analog
input driven to 5 V after switching from another analog input driven
to 0 V with analog input high-Z mode disabled and enabled.
The reduction in the voltage kickback increases the effective input
impedance of the AD4697/AD4698 analog inputs and reduces the
bandwidth requirements of the AFE circuitry to achieve desired
settling accuracy and performance. The relaxed bandwidth require-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com