Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 43 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD4697 Datasheet HTML 39Page - Analog Devices AD4697 Datasheet HTML 40Page - Analog Devices AD4697 Datasheet HTML 41Page - Analog Devices AD4697 Datasheet HTML 42Page - Analog Devices AD4697 Datasheet HTML 43Page - Analog Devices AD4697 Datasheet HTML 44Page - Analog Devices AD4697 Datasheet HTML 45Page - Analog Devices AD4697 Datasheet HTML 46Page - Analog Devices AD4697 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 43 of 107
Table 18 shows the valid commands for selecting IN0 to IN7 or the
temperature sensor. Commands other than those listed in
Table 18 are treated as NOOP commands and result in the multi-
plexer repeating the previous channel.
When single-cycle command mode is enabled, the first analog input
channel selected is the one specified in the AS_SLOT0 register.
The channel only updates after a valid command is received.
To enable single-cycle command mode, set the STD_SEQ_EN
bit to 0, set the NUM_SLOTS_AS bit field to 0x00, and set the
CYC_CTRL bit to 1 (see Table 15).
When single-cycle command mode is enabled, the configuration
settings for each channel are set with the corresponding CON-
FIG_INn register. Therefore, all analog inputs can have different
channel configuration options, analog input high-Z mode enable
settings, and threshold detection enable settings. Configure each
CONFIG_INn register before entering conversion mode and initiat-
ing conversions.
Oversampling is not supported when single-cycle command mode
is enabled. Set the OSR for all analog inputs to 1 before entering
conversion mode with single-cycle command mode enabled (see
the Oversampling and Decimation section).
Figure 76. Standard Sequencer Example with OSR = 1
Figure 77. Advanced Sequencer Example with OSR = 1 for All Channels
Figure 78. Standard Sequencer and Advanced Sequencer SPI Frames with IN0 OSR = N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com