Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 82 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD4697 Datasheet HTML 78Page - Analog Devices AD4697 Datasheet HTML 79Page - Analog Devices AD4697 Datasheet HTML 80Page - Analog Devices AD4697 Datasheet HTML 81Page - Analog Devices AD4697 Datasheet HTML 82Page - Analog Devices AD4697 Datasheet HTML 83Page - Analog Devices AD4697 Datasheet HTML 84Page - Analog Devices AD4697 Datasheet HTML 85Page - Analog Devices AD4697 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 82 of 107
Figure 125. SPI Synchronization with Busy and Alert Indicators
SPI Peripheral Synchronization in Autocycle
Mode
If autocycle mode is enabled when the AD4697/AD4698 enter con-
version mode, the convert start instructions for the ADC core are
generated by an internal oscillator (see the Autocycle Mode sec-
tion). Autocycle mode is therefore ideal for autonomous conversion
applications, where the digital host is idle or in a sleep state until a
user programmed threshold detection event occurs as described in
the Threshold Detection and Alert Indicators section.
The digital host SPI must not attempt to read and write data while
the AD4697/AD4698 are still in the conversion phase. In autocycle
mode, the convert start signal is generated internally, and the digital
host must therefore reference either the busy indicator or the alert
indicator via the general-purpose pin(s) to synchronize the AD4697/
AD4698 and digital host SPIs and ensure that the SPI frames occur
between ADC conversion phases. Figure 103 shows the required
SPI frame timing relative to the busy indicator and alert indicator
when autocycle mode is enabled.
The configurations in Figure 124 and Figure 125 are recommended
when utilizing autocycle mode to achieve synchronization between
the AD4697/AD4698 internal conversion timing and the host SPI
peripheral.
The busy indicator can be used to trigger an interrupt service
routine to read the most recent conversion result and send the 5-bit
SDI commands (see Table 18). The busy indicator transitions low at
the end of each conversion phase and transitions high at the start
of each next conversion phase. The digital host must begin the SPI
frame following the busy indicator falling edge, and the SCK rate
must be sufficiently fast to complete the SPI frame at least 80 ns
prior to the next busy indicator rising edge to conform to the tSCKCNV
specification in Figure 103 and Table 2 (see the Conversion Mode
SPI Clock Frequency Requirements section). The time duration
between busy indicator falling edge and rising edge is given by the
tACBSY specification in Table 2.
The alert indicator can be used as a one-shot trigger for an interrupt
service routine on the digital host to instruct the host SPI peripheral
to send the register configuration mode command and poll the
alert registers (see Figure 124). The alert indicator state is updated
following the completion of the conversion phase. Therefore, an
alert indicator rising edge can signify to the digital host that the
AD4697/AD4698 SPI is ready for an SPI frame. However, the alert
indicator only transitions when a threshold violation is detected on
a given channel, and therefore, the digital host is not able to read
conversion results except for those that cause the alert indicator to
go high (see the Alert Indicator on General-Purpose Pins section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com