Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 42 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD4697 Datasheet HTML 38Page - Analog Devices AD4697 Datasheet HTML 39Page - Analog Devices AD4697 Datasheet HTML 40Page - Analog Devices AD4697 Datasheet HTML 41Page - Analog Devices AD4697 Datasheet HTML 42Page - Analog Devices AD4697 Datasheet HTML 43Page - Analog Devices AD4697 Datasheet HTML 44Page - Analog Devices AD4697 Datasheet HTML 45Page - Analog Devices AD4697 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 42 of 107
When the advanced sequencer is enabled, the configuration set-
tings for each channel are set with the corresponding CONFIG_INn
register. Therefore, all analog inputs can have different channel
configuration options, analog input high-Z mode enable settings,
OSR settings, and threshold detection enable settings. Configure
each CONFIG_INn register before entering conversion mode and
initiating conversions.
The multiplexer does not advance to the next channel in the
sequence until the required number of conversions dictated by the
selected channel OSR setting is complete. When the OSR of a
channel in the sequence is set to a value other than 1 (when the
OSR_SET bit field in the corresponding CONFIG_INn register is
not set to 0x0), the advanced sequencer does not advance to the
next channel in the sequence, and the busy indicator does not
transition low until the required number of conversions is complete.
For example, if the OSR is set to 16, 16 CNV rising edges are
required before the conversion result is ready, and the multiplexer
selects the next channel in the sequence. Figure 78 shows an
example timing diagram where OSR for IN0 is set to N. See the
Oversampling and Decimation section for more information.
When the advanced sequencer is enabled, the channel sequence
can be configured to achieve different effective sample rates for
each channel. See the Effective Channel Sample Rate section for
more information.
Two-Cycle Command Mode
Two-cycle command mode allows the digital host system to man-
ually control the next channel in the sequence on-the-fly and ena-
bles dynamic channel sequencing without interrupting conversions.
In two-cycle command mode, the channel sequence is determined
by 5-bit commands transmitted from the digital host during conver-
sion result readback frames. The 5-bit commands are clocked in
on the SDI on the first five SCK rising edges in the frame and
latched into memory on the sixth SCK falling edge in the frame. If
a valid channel command is received, the conversion result for that
channel is available after two conversion periods. Figure 79 shows
the relative timing between the 5-bit commands (represented by
CMD) and the corresponding acquisition phase, conversion phase,
and conversion result readback in two-cycle command mode.
Two-cycle command mode maximizes the acquisition time for all
channels because the 5-bit channel commands are latched in
before the multiplexer switches select the corresponding channel
and begin the ADC acquisition phase.
Table 18 shows the valid commands for selecting IN0 to IN7 or the
temperature sensor. Commands other than those listed in Table 18
are treated as no operation (NOOP) commands and result in the
multiplexer repeating the previous channel.
When two-cycle command mode is enabled, the first analog input
channel selected is the one specified in the AS_SLOT0 register.
The channel only updates when a valid command code is received.
To enable two-cycle command mode, set the STD_SEQ_EN bit
to 0, set the NUM_SLOTS_AS bit field to 0x00, and set the
CYC_CTRL bit to 0 (see Table 15).
While the AD4697/AD4698 are in register configuration mode when
the STD_SEQ_EN bit in the SEQ_CTRL register is set to 0, the
multiplexer automatically connects the channel specified in the
AS_SLOT0 register to the ADC core inputs, which allows the ADC
to acquire the signal on that channel even before the device enters
conversion mode.
When two-cycle command mode is enabled, the configuration
settings for each channel are set with the corresponding CON-
FIG_INn register. Therefore, all analog inputs can have different
channel configuration options, analog input high-Z mode enable
settings, and threshold detection enable settings. Configure each
CONFIG_INn register before entering conversion mode and initiat-
ing conversions.
Oversampling is not supported when two-cycle command mode is
enabled. Set the OSR for all analog inputs to 1 before entering
conversion mode with two-cycle command mode enabled (see the
Oversampling and Decimation section).
Single-Cycle Command Mode
Single-cycle command mode allows the digital host system to
manually control the next channel in the sequence on-the-fly and
enables dynamic channel sequencing without interrupting conver-
sions.
In single-cycle command mode, the channel sequence is deter-
mined by 5-bit commands transmitted from the digital host dur-
ing conversion result readback frames. The 5-bit commands are
clocked in on the SDI on the first five SCK rising edges in the frame
and latched into memory on the sixth SCK falling edge in the frame.
If a valid channel command is received, the conversion result for
that channel is available in only one conversion period. Figure 80
shows the relative timing between the 5-bit commands (represented
by CMD) and the corresponding acquisition phase, conversion
phase, and conversion result readback in single-cycle command
mode.
Single-cycle command mode minimizes the latency between the
5-bit channel commands and the corresponding ADC data because
the multiplexer switches select the specified channel immediately
after the 5-bit command latches into memory. As a result, the ac-
quisition time depends on how quickly the digital host can complete
the write of the 5-bit command. Figure 100 shows a conversion
mode timing diagram with single-cycle command mode enabled,
and Table 2 lists the relevant timing specifications. The tACQ in
single-cycle command mode is a function of tCYC and the SCK
period (tSCK), and is calculated with the following expression:
tACQ=tCYC− 5.5×tSCK
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com