Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 79 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 79 Page - Analog Devices

Back Button AD4697 Datasheet HTML 75Page - Analog Devices AD4697 Datasheet HTML 76Page - Analog Devices AD4697 Datasheet HTML 77Page - Analog Devices AD4697 Datasheet HTML 78Page - Analog Devices AD4697 Datasheet HTML 79Page - Analog Devices AD4697 Datasheet HTML 80Page - Analog Devices AD4697 Datasheet HTML 81Page - Analog Devices AD4697 Datasheet HTML 82Page - Analog Devices AD4697 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 79 of 107
On the WLCSP model of the AD4698, the busy indicator and alert
indicator can be routed to the digital host simultaneously.
Figure 125 shows a simplified connection diagram and software
architecture for utilizing the busy indicator with the alert indicator.
The alert indicator can either feed a separate interrupt service
routine or act as a gate for the busy indicator interrupt service
routine to prevent the SPI from reading from the AD4698 SPI until
the out of bounds condition is met.
The configurations in Figure 124 and Figure 125 are ideal when
operating the AD4697/AD4698 in autocycle mode because it allows
the digital host to be completely idle until an out of bounds condition
occurs and guarantees the digital host can remain synchronized to
the internal conversion timing (see the SPI Peripheral Synchroniza-
tion in Autocycle Mode section).
Figure 121. 4-Wire SPI Operation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com