Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 50 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD4697 Datasheet HTML 46Page - Analog Devices AD4697 Datasheet HTML 47Page - Analog Devices AD4697 Datasheet HTML 48Page - Analog Devices AD4697 Datasheet HTML 49Page - Analog Devices AD4697 Datasheet HTML 50Page - Analog Devices AD4697 Datasheet HTML 51Page - Analog Devices AD4697 Datasheet HTML 52Page - Analog Devices AD4697 Datasheet HTML 53Page - Analog Devices AD4697 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 50 of 107
The CRC is enabled with the CRC_EN and CRC_EN_N bit fields
in the SPI_CONFIG_C register. To enable the CRC, CRC_EN must
be set to 0x1 and CRC_EN_N must be set to 0x2. CRC is disabled
for all other combinations of CRC_EN and CRC_EN_N.
The AD4697/AD4698 expect checksums to be included in each
SPI transaction immediately after the CRC is enabled. Write to the
SPI_CONFIG_C register to enable the CRC before writing to any
other registers, then read the SPI_CONFIG_C register assuming
that the CRC has been enabled. If the host receives the correct
state of the CRC_EN and CRC_EN_N bit fields and a valid check-
sum, the CRC is enabled, and the host can begin configuring the
remaining configuration registers.
Use the following CRC polynomial to calculate the checksums:
x8+x2+x+1
(8)
The CRC calculation is seeded by a non-zero value to detect if the
data lines are stuck low. Table 16 shows the data and seed values
for each possible type of SPI transaction.
In single instruction mode, the seed for all CRCs is 0xA5. In stream-
ing mode, the seed for the first CRC in the frame is also 0xA5, but
the seed for the remaining CRCs in the frame is the least significant
byte of the register address being accessed. If MB_STRICT is set
to 1 and a multibyte register is accessed, the register address used
for the seed depends on the selected address direction option.
The address of the most significant byte is used with descending
address, and the address of the least significant byte is used with
ascending address. For example, in both Figure 86 and Figure 87,
the second data phase includes data from the UPPER_IN0 register,
but the seed used for the checksum is 0x41 with the descending
address option (Figure 86) and 0x40 with the ascending address
option (Figure 87).
Table 16. CRC Input Values for SPI Modes and Transactions
SPI Transaction Type
Pin
Single Instruction Mode or First CRC with Streaming Mode
Subsequent CRCs with Streaming Mode
Write
SDI
SPI data = instruction phase bits, data phase bits
SPI data = data phase bits
Seed = 0xA5
Seed = least significant byte of current register address
SDO
SPI data = instruction phase bits, data phase bits
SPI data = data phase bits
Seed = 0xA5
Seed = least significant byte of current register address
Read
SDI
SPI data = instruction phase bits, padding bits
Not applicable
Seed = 0xA5
SDO
SPI data = instruction phase bits, data phase bits
SPI data = data phase bits
Seed = 0xA5
Seed = least significant byte of current register address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com