Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 53 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD4697 Datasheet HTML 49Page - Analog Devices AD4697 Datasheet HTML 50Page - Analog Devices AD4697 Datasheet HTML 51Page - Analog Devices AD4697 Datasheet HTML 52Page - Analog Devices AD4697 Datasheet HTML 53Page - Analog Devices AD4697 Datasheet HTML 54Page - Analog Devices AD4697 Datasheet HTML 55Page - Analog Devices AD4697 Datasheet HTML 56Page - Analog Devices AD4697 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 53 of 107
Serial Data Output Modes
The AD4697/AD4698 digital interface allows clocking out ADC
data on more than one serial data output, which reduces the
number of SCK periods required to access the full ADC result and
allows slower SCK frequencies. The three serial data output modes
include single-SDO mode, dual-SDO mode, and quad-SDO mode.
In single-SDO mode, the ADC results are only shifted out on SDO.
In dual-SDO mode and quad-SDO mode, ADC results are shifted
out on SDO and general-purpose pins in parallel.
Table 19 shows the pins used for each serial data output signal
for each serial data output mode. Table 21 and Table 22 show the
formatting of the conversion results for all combinations of serial
data output modes, status bits, and OSR options. The values of
the blank cells in Table 21, Table 22, and Table 23 depend on
the setting of SDO_STATE, as described in the Conversion Mode
Timing Diagrams section.
The serial data output modes only apply when the device is in
conversion mode. In register configuration mode, register read data
is always shifted out serially on SDO only.
The SDO_MODE bit field in the setup register determines which
serial data output mode is selected. Table 20 shows the values
of SDO_MODE and the corresponding serial data output modes.
Quad-SDO mode is only available in the WLCSP option of the
AD4698.
Table 19. Serial Data Output Mode Pin Assignments
Mode
Signal
LFCSP Pins
WLCSP Pins
Single-SDO Mode
SDO0
SDO
SDO
Dual-SDO Mode
SDO1
BSY_ALT_GP0
GP1
SDO0
SDO
SDO
Quad-SDO Mode
SDO3
Not applicable
GP3
SDO2
Not applicable
GP2
SDO1
Not applicable
GP1
SDO0
Not applicable
SDO
Table 20. SDO_MODE Values vs. Serial Data Output Mode
SDO_MODE
LFCSP Mode
WLCSP Mode
0x0
Single-SDO
Single-SDO
0x1
Dual-SDO
Dual-SDO
0x2
Single-SDO
Quad-SDO
0x3
Single-SDO
Single-SDO
Table 21. Single-SDO Mode Data Output Format
OSR Setting
Status
Bits
Signal
SCK Falling Edge Number
1
2
3
… 15
16
17
18
19
20
21
22
23
24
1
Disabled
SDO0
D15
D14
D13
… D1
D0
4
Disabled
SDO0
D16
D15
D14
… D2
D1
D0
16
Disabled
SDO0
D17
D16
D15
… D3
D2
D1
D0
64
Disabled
SDO0
D18
D17
D16
… D4
D3
D2
D1
D0
1
Enabled
SDO0
D15
D14
D15
… D1
D0
0
0
0
OV_ALT
INX, Bit 3
INX, Bit 2
INX, Bit 1
INX, Bit 0
4
Enabled
SDO0
D16
D15
D16
… D2
D1
D0
0
0
OV_ALT
INX, Bit 3
INX, Bit 2
INX, Bit 1
INX, Bit 0
16
Enabled
SDO0
D17
D16
D17
… D3
D2
D1
D0
0
OV_ALT
INX, Bit 3
INX, Bit 2
INX, Bit 1
INX, Bit 0
64
Enabled
SDO0
D18
D17
D16
… D4
D3
D2
D1
D0
OV_ALT
INX, Bit 3
INX, Bit 2
INX, Bit 1
INX, Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com