Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 36 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD4697 Datasheet HTML 32Page - Analog Devices AD4697 Datasheet HTML 33Page - Analog Devices AD4697 Datasheet HTML 34Page - Analog Devices AD4697 Datasheet HTML 35Page - Analog Devices AD4697 Datasheet HTML 36Page - Analog Devices AD4697 Datasheet HTML 37Page - Analog Devices AD4697 Datasheet HTML 38Page - Analog Devices AD4697 Datasheet HTML 39Page - Analog Devices AD4697 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 36 of 107
reference buffer is disabled and the REF input is driven directly,
AVDD can be as low as REF – 0.25 V. When the internal reference
buffer is enabled and VREF is provided on REFIN, AVDD must be at
least REFIN + 0.3 V (see Table 1).
VDD is nominally 1.8 V, and powers both the ADC core and the
device register memory. When power is first applied to VDD, the
ADC core initializes and the device register contents are set to the
default states (as shown in the Register Information section).
VIO can range from 1.14 V to 1.98 V and sets the input and output
levels for the digital interface pins. VIO allows direct interfacing with
digital controller logic levels between 1.2 V and 1.8 V (see the
Digital Interface section for more information).
Decouple AVDD, LDO_IN, VDD to AGND, and VIO to IOGND
with at least 100 nF. When shorting AVDD and LDO_IN, a single
decoupling capacitor can be used for both pins. When not using the
internal LDO, LDO_IN does not require decoupling.
As described in the Internal LDO section, the internal LDO requires
a decoupling capacitor of at least 100 nF on the VDD pin for proper
device operation.
The AD4697/AD4698 are independent of the power supply se-
quencing between VIO, VDD, and AVDD (and LDO_IN when the
internal LDO is enabled). When VIO and VDD are first supplied,
a power-on reset (POR) initiates (see the Device Reset section).
Additionally, the AD4697/AD4698 are insensitive to power supply
ripple over a wide frequency range, as shown in Figure 35.
Internal LDO
To minimize the number of system supply rails required to power
the AD4697/AD4698, the internal LDO can be used to supply the
VDD voltage internally. LDO_IN can be tied to AVDD to enable a
single supply to power the entire device (excluding VIO, which must
be powered by the digital host input/output voltage).
To enable the internal LDO, LDO_IN must be driven to at least
2.4 V, and VIO must already be powered. To enable the internal
LDO, set the LDO_EN bit in the setup register to 1. The internal
LDO is enabled by default on device power-up and after device
resets.
The output of the internal LDO is connected to the VDD pin.
When the internal LDO is enabled, its output drives VDD internally.
When the internal LDO is disabled, its output is disabled and high
impedance.
The internal LDO requires an output decoupling capacitor. When
using the internal LDO, include a 100 nF to 10 μF decoupling
capacitor between the VDD and AGND pins, as pictured in
Figure 112.
It is not possible to power the VIO supply with the internal LDO
output. VIO must be supplied by the digital host or other system
supply rail.
When using the internal LDO, the VDD supply voltage is driven by
the internal LDO output automatically when LDO_IN and VIO are
supplied. When not using the internal LDO, LDO_IN must be tied to
AGND, and VDD must be supplied externally.
The internal LDO output is designed to withstand being powered
up with VDD either driven by a separate 1.8 V supply or inadver-
tently shorted to AGND. It is recommended to ensure that VDD
is disconnected from any other rails or loads. The internal LDO
is not intended to power additional devices. It is recommended to
clear the LDO_EN bit of the setup register when powering VDD
externally, even if the LDO_IN input is shorted to AGND (see the
Device Configuration Recommendations section).
The internal LDO can be disabled to put the AD4697/AD4698 in a
low power state without disabling the AVDD, LDO_IN, or VIO rails.
When the internal LDO is disabled while VDD is not powered by
an external supply, the ADC core shuts down, and the configuration
register contents are erased. The internal LDO can be enabled
again either with a wake-up command over the SPI, or with a
hardware reset. The wake-up command is 0x81 and is identical
to performing a software reset (see the Device Reset section for
detailed descriptions of hardware and software resets). The digital
interface requires that VIO still be supplied to accept the wake-up
command, and the internal LDO is not enabled if VIO is not within
the specified range (see Table 1).
OVERSAMPLING AND DECIMATION
The AD4697/AD4698 include an oversampling and decimation en-
gine that averages consecutive ADC samples to generate an over-
sampled result with higher effective resolution and lower effective
noise (see Table 1).
Each analog input channel can be configured with an OSR of 1, 4,
16, or 64. Conversion results generated for channels with an OSR
of 4, 16, or 64 are 17 bits, 18 bits, or 19 bits long, as shown in
Table 21 and Table 22 and the Transfer Function section.
When a given analog input channel is selected by the channel
sequencing logic, the multiplexer continues to select that channel
until the specified number of conversions have been performed,
and the results of each of those conversions are averaged together
to generate a single output code. For example, if IN0 is configured
with an OSR of 64, one averaged result is produced after the
64th consecutive CNV rising edge (when the AD4697/AD4698 are
in conversion mode). Configuring a channel with an OSR of 1 is
equivalent to performing no oversampling on that channel.
When enabled on the BSY_ALT_GP0 pin or the serial data out-
put(s), the busy indicator acts as a data ready signal, and only
transitions low when the oversampled result is available (see the
Busy Indicator section). Figure 78 shows the relative timing of the
busy indicator when the OSR for a channel is set to a value other
than 1.
The effective sample period of a given channel is equal to the
conversion period (tCYC) in Table 2 multiplied by its OSR. Figure 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com