Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 38 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD4697 Datasheet HTML 34Page - Analog Devices AD4697 Datasheet HTML 35Page - Analog Devices AD4697 Datasheet HTML 36Page - Analog Devices AD4697 Datasheet HTML 37Page - Analog Devices AD4697 Datasheet HTML 38Page - Analog Devices AD4697 Datasheet HTML 39Page - Analog Devices AD4697 Datasheet HTML 40Page - Analog Devices AD4697 Datasheet HTML 41Page - Analog Devices AD4697 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 38 of 107
Alert Indicator Registers
The ALERT_STATUS1 and ALERT_STATUS2 registers contain the
upper alert indicators (HI_INn) and lower alert indicators (LO_INn)
for all eight analog inputs. The TD_ALERT bit in the status register
is the logical OR of the HI_INn and LO_INn bits. When the ADC
result is greater than or equal to the upper threshold value, the
corresponding HI_INn flag is set to 1. When the ADC result is
less than or equal to the lower threshold value, the corresponding
LO_INn flag is set to 1. When the OSR of an INn analog input is
greater than 1, the state of its corresponding HI_INn and LO_INn
flags update after the oversampled result is generated.
Reading the TD_ALERT bit indicates to the digital host whether
any upper or lower threshold was violated, and reading the HI_INn
and LO_INn bits indicates which specific type of threshold was
violated on which channel. The AD4697/AD4698 must be in register
configuration mode to read from the registers that contain these
alert indicator bits, but the state of TD_ALERT can also be read
via the status bits or a general-purpose pin when these options
are enabled (see the Status Bits section and Alert Indicator on
General-Purpose Pins section).
The HI_INn and LO_INn bits are read to clear bits and are auto-
matically reset to 0 after being read in a SPI read transaction (in
register configuration mode).
When the ALERT_MODE bit in the setup register is set to 0, the
HI_INn and LO_INn bits also automatically clear based on user pro-
grammable hysteresis settings. The hysteresis bit fields in the eight
HYST_INn registers set the hysteresis value for the corresponding
analog input. Each analog input can be programmed with different
hysteresis values. When this option is selected, each HI_INn bit au-
tomatically clears when the corresponding analog input generates
a conversion result that is less than the upper threshold value
minus the hysteresis value. Each LO_INn bit automatically clears
when the corresponding analog input generates a conversion result
that is greater than the lower threshold value plus the hysteresis
value. Figure 75 shows how the HI_INn and LO_INn bits are set
and cleared when ALERT_MODE is set to 0 and 1 as conversion
results are generated on the corresponding analog input channel.
ALERT_MODE is set to 0 by default.
Alert Indicator on General-Purpose Pins
When the alert indicator is enabled on a general-purpose pin,
the state of the TD_ALERT bit is driven on either BSY_ALT_GP0
or GP2, which allows threshold violations to be detected without
interrupting conversions. The combination of the alert indicator on
the general-purpose pins and autocycle mode allows the digital
host serial interface to remain idle until a threshold violation is
detected (see the Autocycle Mode section).
Figure 94 through Figure 99 show the relative timing of CNV rising
edges and when the state of the alert indicator is updated and
driven out on the general-purpose pin.
On the WLCSP options of the AD4698, the alert indicator can be
enabled on either the BSY_ALT_GP0 pin or the GP2 pin. The
ALERT_GP_SEL bit in the GP_MODE register selects which of the
general-purpose pins is configured as the alert indicator. Set the
ALERT_GP_EN bit in the GP_MODE register to 1 to enable the
alert indicator on the selected general-purpose pin (see Table 51).
On the LFCSP option of the AD4697/AD4698, the alert indicator
can be enabled only on the BSY_ALT_GP0 pin, and the state of
the ALERT_GP_SEL bit has no impact on device behavior. Set the
ALERT_GP_EN bit in the GP_MODE register to 1 to enable the
busy indicator on BSY_ALT_GP0 (see Table 51).
The BSY_ALT_GP0 and GP2 pins can also be configured to per-
form other functions than the alert indicator, and all other higher
priority functions must be disabled to configure them as the alert
indicator. See the General-Purpose Pins section for details on
configuring the general-purpose pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com