Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4697 Datasheet HTML 23Page - Analog Devices AD4697 Datasheet HTML 24Page - Analog Devices AD4697 Datasheet HTML 25Page - Analog Devices AD4697 Datasheet HTML 26Page - Analog Devices AD4697 Datasheet HTML 27Page - Analog Devices AD4697 Datasheet HTML 28Page - Analog Devices AD4697 Datasheet HTML 29Page - Analog Devices AD4697 Datasheet HTML 30Page - Analog Devices AD4697 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 27 of 107
channel through SWMUX+ and SWMUX−. The acquisition phase ends
immediately at the beginning of the conversion phase.
The conversion phase is initiated by a rising edge on the CNV input
(in conversion mode only). When the conversion phase begins,
SW+, SW−, SWMUX+, and SWMUX− open first and sample the ana-
log input voltage on the capacitor arrays. The two capacitor arrays
are then disconnected from ADCIN+ and ADCIN− and connected
to REFGND. The sampled voltage is applied to the comparator
inputs, which causes the comparator to become unbalanced. The
ADC control logic performs a bit trial for each capacitor in the array,
starting with the MSB, by switching each element of the capacitor
array between REFGND and REF in sequence. During each bit
trial, the comparator input varies by binary weighted voltage steps
(VREF/2, VREF/4, …, VREF/65, 536), and the control logic acts to
bring the comparator back into a balanced condition. The state of
the comparator is recorded for each bit trial to produce the resulting
conversion result. The conversion phase terminates when all bit
trials are complete and the conversion result is ready.
The SAR ADC core generates one output code for each conversion
phase. Multiple output codes are averaged together to generate an
oversampled ADC result when the active channel is configured with
an OSR setting greater than 1 (see the Transfer Function section
and Oversampling and Decimation section).
The conversion time specification (tCONVERT) in Table 2 refers to the
delay between a CNV rising edge and the end of the conversion
phase. During the conversion phase, the ADC generates a busy
indicator to communicate to the digital host when a conversion is
complete and ready to be read via the SPI (see the Busy Indicator
section). When enabled, the busy indicator transitions high at the
start of the conversion phase, and transitions low at the end of the
conversion phase.
The delay between the end of each acquisition phase and the be-
ginning of the following acquisition phase depends on the channel
sequencing mode selected. When two-cycle command mode, the
standard sequencer, or the advanced sequencer are enabled, the
internal control logic determines the timing of the start of the next
acquisition phase. When single-cycle command mode is enabled,
the ADC core cannot enter the acquisition phase until the 5-bit
channel command is received over the SPI (see the Single-Cycle
Command Mode section).
The minimum acquisition time specification (tACQ) in Table 2 indi-
cates the minimum amount of time that the AD4697/AD4698 are in
the acquisition phase when running at the maximum sample rate.
When analog input high-Z mode is disabled, the switches that con-
nect the analog inputs to the capacitor arrays close immediately at
the start of the acquisition phase. When analog input high-Z mode
is enabled, these switches close partway through the acquisition
phase, but the resulting voltage kickback is significantly reduced.
As a result, the settling time and bandwidth requirements of the an-
alog front-end circuitry are reduced when analog input high-Z mode
is enabled (see Figure 21 and the Signal Settling Requirements
section).
The AD4697/AD4698 ADC core is controlled by an internal clock,
and the SPI serial clock (SCK) is not required for the conversion
process.
Figure 63. ADC Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com