Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 99 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 99 Page - Analog Devices

Back Button AD4697 Datasheet HTML 95Page - Analog Devices AD4697 Datasheet HTML 96Page - Analog Devices AD4697 Datasheet HTML 97Page - Analog Devices AD4697 Datasheet HTML 98Page - Analog Devices AD4697 Datasheet HTML 99Page - Analog Devices AD4697 Datasheet HTML 100Page - Analog Devices AD4697 Datasheet HTML 101Page - Analog Devices AD4697 Datasheet HTML 102Page - Analog Devices AD4697 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 99 of 107
Table 46. Bit Descriptions for REF_CTRL
Bits
Bit Name
Description
Reset
Access
0: reference buffer boost mode disabled.
1: reference buffer boost mode enabled.
[4:2]
VREF_SET
Reference Input Range Control. This field configures the device to optimize performance based on the reference
voltage in use. This field must be programmed to match the VREF applied to the REF pin (see the Voltage
Reference Input section).
0x4
R/W
0x0: 2.4 V ≤ VREF ≤ 2.75 V.
0x1: 2.75 V < VREF ≤ 3.25 V.
0x2: 3.25 V < VREF ≤ 3.75 V.
0x3: 3.75 V < VREF ≤ 4.50 V.
0x4: 4.5 V < VREF ≤ 5.10 V.
1
REFHIZ_EN
Reference Input High-Z Mode Enable Bit. This bit enables or disables reference input high-Z mode (see the
Reference Input High-Z Mode section).
0x1
R/W
0: disable reference input high-Z mode.
1: enable reference input high-Z mode.
0
REFBUF_EN
Reference Buffer Enable Bit. Enables or disables the reference buffer. Setting REFBUF_EN to 1 also forces the
reference buffer bypass switch to open (see the Internal Reference Buffer section). This bit is only active on the
WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: disables the internal reference buffer.
1: enables the internal reference buffer.
Sequencer Control Register
Address: 0x0022, Reset: 0x80, Name: SEQ_CTRL
Table 47. Bit Descriptions for SEQ_CTRL
Bits
Bit Name
Description
Reset
Access
7
STD_SEQ_EN
Standard Sequencer Enable Bit. This bit enables or disables the standard sequencer (see the Channel
Sequencing Modes section).
0x1
R/W
0: standard sequencer disabled.
1: standard sequencer enabled.
[6:0]
NUM_SLOTS_AS
Number of Advanced Sequencer Slots Field. This field determines the number of slots in a sequence when the
advanced sequencer is enabled. The number of slots is equal to NUM_SLOTS_AS + 1. This field must be set to
0x00 to enable two-cycle command mode or single-cycle command mode (see the Channel Sequencing Modes
section).
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com