Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 37 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD4697 Datasheet HTML 33Page - Analog Devices AD4697 Datasheet HTML 34Page - Analog Devices AD4697 Datasheet HTML 35Page - Analog Devices AD4697 Datasheet HTML 36Page - Analog Devices AD4697 Datasheet HTML 37Page - Analog Devices AD4697 Datasheet HTML 38Page - Analog Devices AD4697 Datasheet HTML 39Page - Analog Devices AD4697 Datasheet HTML 40Page - Analog Devices AD4697 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 37 of 107
shows the relative timing of the CNV signal and the availability of
the oversampled result. Consider the OSR of each channel when
designing the channel sequence to achieve the desired certain
effective sample rates for each channel (see the Effective Channel
Sample Rate section).
The OSR is configured via the OSR_SET bit fields in the CON-
FIG_INn registers (see Table 54).
When the standard sequencer is enabled, the OSR for all analog
input channels is the same and is set by the OSR_SET bit fields
in the CONFIG_IN0 register. When the advanced sequencer is
enabled, each of the eight analog input channels can be configured
with different OSR settings with the OSR_SET bit fields in the
corresponding CONFIG_INn registers.
Oversampling is not supported in two-cycle command mode or
single-cycle command mode. Set the OSR_SET bit fields for all
active channels to 0x0 when using two-cycle command mode or
single-cycle command mode.
When autocycle mode is enabled, the conversion signal is generat-
ed internally by the AD4697/AD4698, and the oversampling engine
continues to wait for OSR conversion periods before generating an
output result.
OFFSET AND GAIN CORRECTION
The AD4697/AD4698 include offset and gain error correction func-
tionality to correct for first-order nonidealities in a full AFE signal
chain. Offset and gain error correction digitally adjusts the offset
and gain of the overall ADC transfer function (see the Transfer
Function section).
The final output code is calculated with the following expression:
OUT= IN+B ×M
(5)
where:
OUT is the final output code result.
IN is the result generated by the ADC (after oversampling).
B is the offset correction value.
M is the gain correction value.
The gain correction value (M) for each analog input is set with the
gain bit field in the corresponding GAIN_INn register. The gain bit
field is 16 bits wide and is in straight binary format. The range of
gain correction values is 0 to 1.99997 and is calculated with the
following expression:
M=Gain÷215
(6)
where GAIN is the value written to the gain bit field.
The offset correction value (B) for each analog input is set with
the offset bit field in the corresponding OFFSET_INn register. The
OFFSET bit field is 16 bits wide and is in twos complement format
to enable positive and negative offset correction. The range of
offset correction values is ±FSR/8 for all OSR options, which means
the MSB of the offset bit field always corresponds to the (MSB –
3) bit of the ADC result. For example, when the OSR for a given
analog input channel is 1, the offset correction value is equal to
OFFSET, Bits[15:3], and when the OSR is 64, the offset correction
value is OFFSET, Bits[15:0]. Table 14 shows the offset correction
value for each OSR option.
Offset and gain correction are always enabled for all analog input
channels. When the OFFSET field for a given analog input is set
to 0x0000, the offset correction value is 0 and is equivalent to
applying no offset correction. When the GAIN bit field for a given
analog input is set to 0x8000, the gain correction value is 1 and is
equivalent to applying no gain correction.
Table 14. Oversample Ratio vs. Offset Correction Value
Oversample Ratio
Offset Correction Value (B)
1
OFFSET, Bits[15:3]
4
OFFSET, Bits[15:2]
16
OFFSET, Bits[15:1]
64
OFFSET, Bits[15:0]
THRESHOLD DETECTION AND ALERT
INDICATORS
The AD4697/AD4698 include a threshold detection feature with
alert indicators that notify the digital host system when a conversion
result violates user defined upper and lower limits.
The TD_EN bit in the CONFIG_INn registers enables or disables
threshold detection for the corresponding analog input. When the
standard sequencer is enabled, threshold detection is enabled
or disabled for all analog inputs with the TD_EN bit in the CON-
FIG_IN0 register. When the advanced sequencer, two-cycle com-
mand mode, or single-cycle command mode is enabled, threshold
detection is enabled or disabled for each analog input independent-
ly with the TD_EN bit in each of the corresponding CONFIG_INn
registers.
When threshold detection is enabled for a given analog input, the
ADC results generated for that analog input are compared against
an upper threshold value and lower threshold value. Upper and
lower threshold values can be independently assigned for each of
the eight analog inputs. The upper and lower threshold values for
the eight analog inputs are set with the upper and lower bit fields in
the UPPER_INn and LOWER_INn registers. The upper and lower
bit fields are 12 bits wide and correspond to the 12 MSBs of the
ADC results for all OSR options. For example, setting the upper bit
field to 0xFFF corresponds to an upper threshold value of 0xFFF0
when the OSR of that channel is 1, and 0x7FF80 when the OSR of
that channel is 64 (see the Oversampling and Decimation section).
When an analog input is configured in unipolar mode, the corre-
sponding upper and lower bit fields are in straight binary format.
When an analog input is configured in pseudobipolar mode, the
corresponding upper and lower bit fields are in twos complement
format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com