Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 19Page - Microchip Technology PIC10F222IP Datasheet HTML 20Page - Microchip Technology PIC10F222IP Datasheet HTML 21Page - Microchip Technology PIC10F222IP Datasheet HTML 22Page - Microchip Technology PIC10F222IP Datasheet HTML 23Page - Microchip Technology PIC10F222IP Datasheet HTML 24Page - Microchip Technology PIC10F222IP Datasheet HTML 25Page - Microchip Technology PIC10F222IP Datasheet HTML 26Page - Microchip Technology PIC10F222IP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 21
PIC10F220/222
5.0
I/O PORT
As with any other register, the I/O register(s) can be
written and read under program control. However, read
instructions (e.g., MOVF GPIO, W) always read the I/O
pins independent of the pin’s Input/Output modes. On
Reset, all I/O ports are defined as input (inputs are at
high-impedance) since the I/O control registers are all
set.
5.1
GPIO
GPIO is an 8-bit I/O register. Only the low-order 4 bits
are used (GP<3:0>). Bits 7 through 4 are unimple-
mented and read as ‘0’s. Please note that GP3 is an
input only pin. Pins GP0, GP1 and GP3 can be config-
ured with weak pull-ups and also for wake-up on
change. The wake-up on change and weak pull-up
functions are not individually pin selectable. If GP3/
MCLR is configured as MCLR, a weak pull-up can be
enabled via the Configuration Word. Configuring GP3
as MCLR disables the wake-up on change function for
this pin.
5.2
TRIS Registers
The Output Driver Control register is loaded with the
contents of the W register by executing the TRIS f
instruction. A ‘1’ from a TRIS register bit puts the corre-
sponding output driver in a High-Impedance mode. A
‘0’ puts the contents of the output data latch on the
selected pins, enabling the output buffer. The excep-
tions are GP3, which is input only, and the GP2/T0CKI/
FOSC4 pin, which may be controlled by various
registers. See Table 5-1.
The TRIS registers are “write-only” and are set (output
drivers disabled) upon Reset.
5.3
I/O Interfacing
The equivalent circuit for an I/O port pin is shown in
Figure 5-5. All port pins, except GP3, which is input
only, may be used for both input and output operations.
For input operations, these ports are non-latching. Any
input must be present until read by an input instruction
(e.g., MOVF GPIO, W). The outputs are latched and
remain unchanged until the output latch is rewritten. To
use a port pin as output, the corresponding direction
control bit in TRIS must be cleared (= 0). For use as an
input, the corresponding TRIS bit must be set. Any I/O
pin (except GP3) can be programmed individually as
input or output.
FIGURE 5-1:
EQUIVALENT CIRCUIT
FOR A SINGLE I/O PIN
TABLE 5-1:
ORDER OF PRECEDENCE FOR PIN FUNCTIONS
TABLE 5-2:
REQUIREMENTS TO MAKE PINS AVAILABLE IN DIGITAL MODE
Note:
A read of the ports reads the pins, not the
output data latches. That is, if an output
driver on a pin is enabled and driven high,
but the external system is holding it low, a
read of the port will indicate that the pin is
low.
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
P
N
WR
Port
TRIS ‘f’
Data
TRIS
RD Port
VSS
VDD
I/O
pin
W
Reg
Latch
Latch
Reset
Note 1:
I/O pins have protection diodes to VDD and
VSS.
2:
See Table 3-1 for buffer type.
VSS
VDD
(2)
(1)
Priority
GP0
GP1
GP2
GP3
1
AN0
AN1
FOSC4
MCLR
2
TRIS GPIO
TRIS GPIO
T0CKI
—
3
—
—
TRIS GPIO
—
Bit
GP0
GP1
GP2
GP3
FOSC4
—
—
0
—
T0CS
—
—
0
—
ANS1
—
0
—
—
ANS0
0
—
—
—
MCLRE
—
—
—
0
Legend:
— = Condition of bit will have no effect on the setting of the pin to Digital mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com