Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 58Page - Microchip Technology PIC10F222IP Datasheet HTML 59Page - Microchip Technology PIC10F222IP Datasheet HTML 60Page - Microchip Technology PIC10F222IP Datasheet HTML 61Page - Microchip Technology PIC10F222IP Datasheet HTML 62Page - Microchip Technology PIC10F222IP Datasheet HTML 63Page - Microchip Technology PIC10F222IP Datasheet HTML 64Page - Microchip Technology PIC10F222IP Datasheet HTML 65Page - Microchip Technology PIC10F222IP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
PIC10F220/222
DS41270B-page 60
Preliminary
© 2006 Microchip Technology Inc.
TABLE 10-7:
A/D CONVERTER CHARACTERISTICS (PIC10F222)
TABLE 10-8:
PIC10F220/222 A/D CONVERSION REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
8 bits
bit
A03
EIL
Integral Error
—
—
±1
LSb
VDD = 5.0V
A04
EDL
Differential Error
—
—
-1 < EDL
≤ + 1.0
LSb
No missing codes to 8
bits VDD = 5.0V
A05
EFS
Full-scale Range
2.0*
—
5.5*
V
VDD
A06
EOFF
Offset Error
—
—
±1
LSb
VREF = 5.0V
A07
EGN
Gain Error
—
—
±1
LSb
VREF = 5.0V
A10
—
Monotonicity
—
guaranteed(1)
——
VSS
≤ VAIN ≤ VDD
A25
VAIN
Analog Input Voltage
VSS
—VDD
V
A30
ZAIN
Recommended
Impedence of Analog
Voltage Source
——
10
k
Ω
*
These parameters are characterized but not tested.
† Data in the “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design
guidance only are not tested.
Note 1:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
AD131
TCNV
Conversion Time
(not including
Acquisition Time)(1)
—13
—
TCY
Set GO/DONE bit to new data in A/D
Result register
AD132* TACQ
Acquisition Time
—
3.5
5
—
μs
μs
VDD = 5V
VDD = 2.5V
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com