Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 66Page - Microchip Technology PIC10F222IP Datasheet HTML 67Page - Microchip Technology PIC10F222IP Datasheet HTML 68Page - Microchip Technology PIC10F222IP Datasheet HTML 69Page - Microchip Technology PIC10F222IP Datasheet HTML 70Page - Microchip Technology PIC10F222IP Datasheet HTML 71Page - Microchip Technology PIC10F222IP Datasheet HTML 72Page - Microchip Technology PIC10F222IP Datasheet HTML 73Page - Microchip Technology PIC10F222IP Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
PIC10F220/222
DS41270B-page 68
Preliminary
© 2006 Microchip Technology Inc.
6-Lead Plastic Small Outline Transistor (OT) (SOT-23)
1
D
B
n
E
E1
L
c
β
φ
α
A2
A
A1
p1
10
5
0
10
5
0
β
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.50
0.43
0.35
.020
.017
.014
B
Lead Width
0.20
0.15
0.09
.008
.006
.004
c
Lead Thickness
10
5
0
10
5
0
φ
Foot Angle
0.55
0.45
0.35
.022
.018
.014
L
Foot Length
3.10
2.95
2.80
.122
.116
.110
D
Overall Length
1.75
1.63
1.50
.069
.064
.059
E1
Molded Package Width
3.00
2.80
2.60
.118
.110
.102
E
Overall Width
0.15
0.08
0.00
.006
.003
.000
A1
Standoff
1.30
1.10
0.90
.051
.043
.035
A2
Molded Package Thickness
1.45
1.18
0.90
.057
.046
.035
A
Overall Height
1.90 BSC
.075 BSC
p1
Outside lead pitch
0.95 BSC
.038 BSC
p
Pitch
6
6
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side.
Notes:
JEITA (formerly EIAJ) equivalent: SC-74A
* Controlling Parameter
Drawing No. C04-120
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
Revised 09-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com