Electronic Components Datasheet Search
  English  ▼

X  

PIC10F222IP Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC10F222IP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222IP Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC10F222IP Datasheet HTML 54Page - Microchip Technology PIC10F222IP Datasheet HTML 55Page - Microchip Technology PIC10F222IP Datasheet HTML 56Page - Microchip Technology PIC10F222IP Datasheet HTML 57Page - Microchip Technology PIC10F222IP Datasheet HTML 58Page - Microchip Technology PIC10F222IP Datasheet HTML 59Page - Microchip Technology PIC10F222IP Datasheet HTML 60Page - Microchip Technology PIC10F222IP Datasheet HTML 61Page - Microchip Technology PIC10F222IP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
PIC10F220/222
DS41270B-page 56
Preliminary
© 2006 Microchip Technology Inc.
TABLE 10-2:
PULL-UP RESISTOR RANGES
VDD (Volts)
Temperature (
°C)
Min
Typ
Max
Units
GP0/GP1
2.0
-40
TBD
91K
TBD
Ω
25
TBD
105K
TBD
Ω
85
TBD
118K
TBD
Ω
125
TBD
125K
TBD
Ω
5.5
-40
TBD
18K
TBD
Ω
25
TBD
23K
TBD
Ω
85
TBD
26K
TBD
Ω
125
TBD
28K
TBD
Ω
GP3
2.0
-40
TBD
63K
TBD
Ω
25
TBD
74K
TBD
Ω
85
TBD
83K
TBD
Ω
125
TBD
87K
TBD
Ω
5.5
-40
TBD
16K
TBD
Ω
25
TBD
21K
TBD
Ω
85
TBD
25K
TBD
Ω
125
TBD
27K
TBD
Ω
Legend: TBD = To Be determined.
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com